Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2711-1-V-F4 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS2711-1-V-F4
Description  HIGH CTR 4-PIN SOP PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2711-1-V-F4 Datasheet(HTML) 2 Page - California Eastern Labs

  PS2711-1-V-F4 Datasheet HTML 1Page - California Eastern Labs PS2711-1-V-F4 Datasheet HTML 2Page - California Eastern Labs PS2711-1-V-F4 Datasheet HTML 3Page - California Eastern Labs PS2711-1-V-F4 Datasheet HTML 4Page - California Eastern Labs PS2711-1-V-F4 Datasheet HTML 5Page - California Eastern Labs PS2711-1-V-F4 Datasheet HTML 6Page - California Eastern Labs PS2711-1-V-F4 Datasheet HTML 7Page - California Eastern Labs PS2711-1-V-F4 Datasheet HTML 8Page - California Eastern Labs PS2711-1-V-F4 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Data Sheet PN10246EJ03V0DS
2
PS2711-1
PACKAGE DIMENSIONS (UNIT: mm)
4±0.5
7.0±0.3
4.4
0.5±0.3
2.54
0.4+0.10
–0.05
0.25 M
MARKING EXAMPLE
2711
N601
Trade Mark
Type Number
Assembly Lot
No. 1 pin Mark
N6
01
Week Assembled
Year Assembled
(Last 1 Digit)
CTR Rank Name
*1 Bar : Pb-Free
Remark "PS" and "-1" are omitted from original type number
*1


Similar Part No. - PS2711-1-V-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2711-1-V-F4 RENESAS-PS2711-1-V-F4 Datasheet
224Kb / 13P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
More results

Similar Description - PS2711-1-V-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2711-1 RENESAS-PS2711-1_15 Datasheet
224Kb / 13P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
NEC
PS2711-1 NEC-PS2711-1 Datasheet
92Kb / 7P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
PS2811-1 NEC-PS2811-1 Datasheet
108Kb / 12P
   HIGH CTR 4, 16-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2715-1 CEL-PS2715-1 Datasheet
349Kb / 10P
   HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
logo
NEC
PS2715-1 NEC-PS2715-1 Datasheet
92Kb / 7P
   HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2715-1 RENESAS-PS2715-1_15 Datasheet
223Kb / 13P
   HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
logo
NEC
PS2815-1 NEC-PS2815-1 Datasheet
106Kb / 12P
   HIGH CTR, AC INPUT 4, 16-PIN SOP PHOTOCOUPLER
PS2711 NEC-PS2711 Datasheet
142Kb / 6P
   NECs HIGH CTR, 4 PIN SOP OPTOCOUPLER
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
   4-PIN SOP PHOTOCOUPLER
logo
Everlight Electronics C...
EL357NCTA-VG EVERLIGHT-EL357NCTA-VG Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com