Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7122AL-1C-E4-A Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS7122AL-1C-E4-A
Description  Solid State Relay OCMOS FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7122AL-1C-E4-A Datasheet(HTML) 5 Page - California Eastern Labs

  PS7122AL-1C-E4-A Datasheet HTML 1Page - California Eastern Labs PS7122AL-1C-E4-A Datasheet HTML 2Page - California Eastern Labs PS7122AL-1C-E4-A Datasheet HTML 3Page - California Eastern Labs PS7122AL-1C-E4-A Datasheet HTML 4Page - California Eastern Labs PS7122AL-1C-E4-A Datasheet HTML 5Page - California Eastern Labs PS7122AL-1C-E4-A Datasheet HTML 6Page - California Eastern Labs PS7122AL-1C-E4-A Datasheet HTML 7Page - California Eastern Labs PS7122AL-1C-E4-A Datasheet HTML 8Page - California Eastern Labs PS7122AL-1C-E4-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet PN10275EJ02V0DS
5
PS7122A-1C,PS7122AL-1C
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.2
1.4
V
Reverse Current
IR
VR = 5 V
5.0
µA
MOS FET
Off-state Leakage Current
ILoff
N.O.: IF = 0 mA, VD = 250 V
0.03
1.0
µA
N.C.: IF = 10 mA, VD = 250 V
Output Capacitance
Cout
N.O.: VD = 0 V, f = 1 MHz
120
pF/ch
N.C.: IF = 10 mA, VD = 0 V, f = 1 MHz
340
Coupled
LED On-state Current
IFon
N.O.: IL = 200 mA
2.0
mA
LED Off-state Current
IFoff
N.C.: IL = 200 mA
2.0
mA
On-state Resistance
Ron1
N.O.: IF = 10 mA, IL = 10 mA
4.5
8.0
N.C.: IF = 0 mA, IL = 10 mA
Ron2
N.O.: IF = 10 mA, IL = 200 mA, t
≤ 10
ms
N.C.: IF = 0 mA, IL = 200 mA, t
≤ 10 ms
Turn-on Time
*1, 2
ton (N.O.)
IF = 10 mA, VO = 5 V, RL = 500
Ω,
0.5
1.5
ms
ton (N.C.)
PW
≥ 10 ms
0.04
0.2
Turn-off Time
*1, 2
toff (N.O.)
0.04
0.2
toff (N.C.)
0.5
1.5
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
9
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
1.1
pF/ch


Similar Part No. - PS7122AL-1C-E4-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7122AL-1C-E4 NEC-PS7122AL-1C-E4 Datasheet
74Kb / 12P
   8-PIN DIP, 250 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7122AL-1C-E4-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7221A-2A CEL-PS7221A-2A Datasheet
213Kb / 12P
   Solid State Relay OCMOS FET
PS7141C-2A CEL-PS7141C-2A Datasheet
353Kb / 14P
   Solid State Relay OCMOS FET
PS7200R-1A CEL-PS7200R-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS710CL2-1A CEL-PS710CL2-1A Datasheet
194Kb / 14P
   Solid State Relay OCMOS FET
PS7122A-1A CEL-PS7122A-1A Datasheet
209Kb / 14P
   Solid State Relay OCMOS FET
PS7141E-2A CEL-PS7141E-2A Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
PS7241-1C CEL-PS7241-1C Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
PS7205B-1A CEL-PS7205B-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS7200K-1A CEL-PS7200K-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
logo
Renesas Technology Corp
PS7122A-1B RENESAS-PS7122A-1B Datasheet
271Kb / 16P
   Solid State Relay OCMOS FET
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com