Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2761B-1 Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS2761B-1
Description  4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2761B-1 Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS2761B-1 Datasheet HTML 2Page - California Eastern Labs PS2761B-1 Datasheet HTML 3Page - California Eastern Labs PS2761B-1 Datasheet HTML 4Page - California Eastern Labs PS2761B-1 Datasheet HTML 5Page - California Eastern Labs PS2761B-1 Datasheet HTML 6Page - California Eastern Labs PS2761B-1 Datasheet HTML 7Page - California Eastern Labs PS2761B-1 Datasheet HTML 8Page - California Eastern Labs PS2761B-1 Datasheet HTML 9Page - California Eastern Labs PS2761B-1 Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Data Sheet PN10651EJ03V0DS
6
PS2761B-1
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
40
–60
20
020
60
40
120
80 100
100
10
1
0.1
1 000
100
10
1
10
100
1 000
10 000
tf
tr
ts
IC = 2 mA, VCC = 5 V,
CTR = 236%
1
10
100
td
ts
tf
IF = 5 mA, VCC = 5 V,
CTR = 236%
RL = 1 k
300
100
IF = 5 mA,
VCE = 5 V
5
0
5
10
15
20
25
0.1
1
10
100
1 000
tr
Ambient Temperature TA (
°C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
Normalized to 1.0
at TA = 25
°C,
IF = 1 mA, VCE = 5 V
Load Resistance RL (
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
Load Resistance RL (k
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
Frequency f (kHz)
FREQUENCY RESPONSE
CTR@100%
210%
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
40
–60
20
020
60
40
120
80 100
Ambient Temperature TA (
°C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
Normalized to 1.0
at TA = 25
°C,
IF = 5 mA, VCE = 5 V
CTR@100%
210%
250
200
150
100
50
0
0.01
0.1
1
10
100
VCE = 5 V,
n = 3
Forward Current IF (mA)
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
Sample A
B
C
td
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS2761B-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2761B-1 NEC-PS2761B-1 Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1 Datasheet
5Mb / 15P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110C
Jun 19, 2019
logo
NEC
PS2761B-1-A NEC-PS2761B-1-A Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2761B-1-F3 NEC-PS2761B-1-F3 Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2761B-1-F3-A NEC-PS2761B-1-F3-A Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results

Similar Description - PS2761B-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2761B-1 NEC-PS2761B-1 Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1 Datasheet
255Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2861B-1 RENESAS-PS2861B-1_15 Datasheet
292Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2761B-1 RENESAS-PS2761B-1 Datasheet
5Mb / 15P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110C
Jun 19, 2019
PS2561D-1 RENESAS-PS2561D-1 Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561B-1 RENESAS-PS2561B-1_15 Datasheet
281Kb / 18P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1_15 Datasheet
243Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1 Datasheet
251Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561F-1 CEL-PS2561F-1 Datasheet
1Mb / 14P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2561B-1 NEC-PS2561B-1 Datasheet
179Kb / 17P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com