Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2933-1-V Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS2933-1-V
Description  HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2933-1-V Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS2933-1-V Datasheet HTML 2Page - California Eastern Labs PS2933-1-V Datasheet HTML 3Page - California Eastern Labs PS2933-1-V Datasheet HTML 4Page - California Eastern Labs PS2933-1-V Datasheet HTML 5Page - California Eastern Labs PS2933-1-V Datasheet HTML 6Page - California Eastern Labs PS2933-1-V Datasheet HTML 7Page - California Eastern Labs PS2933-1-V Datasheet HTML 8Page - California Eastern Labs PS2933-1-V Datasheet HTML 9Page - California Eastern Labs PS2933-1-V Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PS2933-1e
R08DS0115EJ0100 Rev.1.00
Page 6 of 12
Nov 29, 2013
VCC = 5 V,
IC = 10 mA,
CTR = 2 840%
1 000
100
10
1
0.1
100
1 000
0.1
110
100
4 000
3 500
3 000
2 500
2 000
1 500
1 000
500
0
tf
ts
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
SWITCHING TIME vs.
LOAD RESISTANCE
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
Ambient Temperature TA (°C)
Forward Current IF (mA)
Load Resistance RL (
Ω)
Normalized to 1.0
at TA = 25°C,
IF = 1 mA, VCE = 2 V
VCE = 2 V
–50
–25
0
25
50
75
100
1.4
1.0
1.2
0.8
0.6
0.4
0.2
0.0
Sample A
B
C
tr
td
Remark The graphs indicate nominal characteristics.
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS2933-1-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2933-1-V RENESAS-PS2933-1-V Datasheet
390Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
PS2933-1-V RENESAS-PS2933-1-V Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1-V RENESAS-PS2933-1-V Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
PS2933-1-V-AX RENESAS-PS2933-1-V-AX Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1-V-AX RENESAS-PS2933-1-V-AX Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
More results

Similar Description - PS2933-1-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2933-1 RENESAS-PS2933-1_16 Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1 RENESAS-PS2933-1_V01 Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
PS2933-1 RENESAS-PS2933-1_15 Datasheet
390Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
PS2913-1 RENESAS-PS2913-1_V01 Datasheet
476Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
logo
California Eastern Labs
PS2913-1 CEL-PS2913-1 Datasheet
352Kb / 10P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2913-1 RENESAS-PS2913-1_16 Datasheet
400Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
NEC
PS2932-1 NEC-PS2932-1 Datasheet
84Kb / 6P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4 PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2913-1 RENESAS-PS2913-1_15 Datasheet
377Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
logo
List of Unclassifed Man...
PS2913-1 ETC-PS2913-1 Datasheet
112Kb / 6P
   NECs SINGLE TR. OUTPUT, HIGH COLLECTOR-EMITTER VOLTAGE, 4-PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2832-1 RENESAS-PS2832-1_15 Datasheet
261Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com