Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25C02 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT25C02
Description  1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C02 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT25C02 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C02 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C02 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C02 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C02 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C02 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C02 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C02 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C02 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
CAT25C01/02/04/08/16
Doc. No. 25067-00 5/00
Advanced Information
Notes:
(1) The device used in the above example is a 25C16SI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 6 Volt Operating Voltage,
Tape & Reel)
(2) -40
°C to 125°C is available upon request
(3) CAT25C01, CAT25C02 only
ORDERING INFORMATION
Package
P = 8-pin PDIP
R = 8-pin MSOP3
S = 8-pin SOIC
U = 8-pin TSSOP
U14 = 14-pin TSSOP
Prefix
Device #
Suffix
25C16
S
I
TE13
Product
Number
25C08: 8K
25C16: 16K
25C04: 4K
25C02: 2K
25C01: 1K
Tape & Reel
TE13: 2000/Reel
Operating Voltage
Blank (V
cc=2.5 to 6.0V)
1.8 (V
cc=1.8 to 6.0V)
-1.8
CAT
Temperature Range
Blank = Commercial (0
°C to +70°C)
I = Industrial (-40
°C to +85°C)
A = Automotive (-40
°C to +105°C)2
Optional
Company ID


Similar Part No. - CAT25C02

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C02 CATALYST-CAT25C02 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C02LI-1.8TE13 CATALYST-CAT25C02LI-1.8TE13 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C02LITE13 CATALYST-CAT25C02LITE13 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C02VI-1.8TE13 CATALYST-CAT25C02VI-1.8TE13 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C02VITE13 CATALYST-CAT25C02VITE13 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C02

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com