Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7200J-1A-F4 Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS7200J-1A-F4
Description  4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7200J-1A-F4 Datasheet(HTML) 5 Page - California Eastern Labs

  PS7200J-1A-F4 Datasheet HTML 1Page - California Eastern Labs PS7200J-1A-F4 Datasheet HTML 2Page - California Eastern Labs PS7200J-1A-F4 Datasheet HTML 3Page - California Eastern Labs PS7200J-1A-F4 Datasheet HTML 4Page - California Eastern Labs PS7200J-1A-F4 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PS7200J-1A
TAPING SPECIFICATIONS (Units in mm)
OUTLINE AND DIMENSIONS (REEL)
Notes:
1. Packing : PS7200J-1A-E3, E4
900 pcs.
PS7200J-1A-F3, F4
3500 pcs.
OUTLINE AND DIMENSIONS (TAPE)
TAPE DIRECTION
PS7200J-1A-E3
PS7200J-1A-F3
PS7200J-1A-E4
PS7200J-1A-F4
2.0
± 0.1
4.0
± 0.1
1.55
± 0.1
1.55
± 0.1
8.0
± 0.1
4.6
± 0.1
2.4
± 0.1
0.3
5.5
± 0.1
7.4
± 0.1
1.75
± 0.1
12.0
± 0.2
2.0 – 0.5
1.5 – 0.5
12.4
+2.0
-0.0
φ21.0 – 0.8
6.0 – 1
120
°
60°
18.4 MAX
1.5 – 0.1
1.5 – 0.1
OUTLINE DIMENSIONS (Units in mm)
PS7200J-1A
(Top View)
1. LED Anode
2. LED Cathode
3. MOSFET
4. MOSFET
4.5
±0.5
2.54
0.05
2.05
0.4
7.0
±0.3
4.4
0.5
±0.3
+0.10
-0.05
+0.06
-0.06
+0.06
-0.06
0.15
1
2
3
4
+0.10
-0.06
1.3
2.0
0.25 M
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
11/30/01
DATA SUBJECT TO CHANGE WITHOUT NOTICE


Similar Part No. - PS7200J-1A-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS7200J-1A-F4 NEC-PS7200J-1A-F4 Datasheet
44Kb / 5P
   4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY
More results

Similar Description - PS7200J-1A-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS7200J-1A NEC-PS7200J-1A Datasheet
44Kb / 5P
   4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY
logo
California Eastern Labs
PS7200N-1A CEL-PS7200N-1A Datasheet
21Kb / 2P
   4 PIN SOP SOLID STATE RELAY
PS7241-AT1 CEL-PS7241-AT1 Datasheet
72Kb / 8P
   8-PIN SOP SOLID STATE RELAY
logo
NEC
PS7241-AT1 NEC-PS7241-AT1 Datasheet
69Kb / 8P
   8-PIN SOP SOLID STATE RELAY
PS7341B-1B NEC-PS7341B-1B Datasheet
31Kb / 2P
   6 PIN DIP LOW OUTPUT CAPACITANCE, LOW ON-STATE RESISTANCE, SOLID STATE RELAY
logo
California Eastern Labs
PS7341B-1B CEL-PS7341B-1B Datasheet
34Kb / 2P
   6 PIN DIP LOW OUTPUT CAPACITANCE, LOW ON-STATE RESISTANCE, SOLID STATE RELAY
logo
NEC
PS7841-A15 NEC-PS7841-A15 Datasheet
31Kb / 3P
   FOR OPTICAL DAA 16 PIN SOP SOLID STATE RELAY
logo
California Eastern Labs
PS7841-A15 CEL-PS7841-A15 Datasheet
36Kb / 3P
   FOR OPTICAL DAA 16 PIN SOP SOLID STATE RELAY
logo
Clare, Inc.
CPC1035N CLARE-CPC1035N Datasheet
93Kb / 6P
   4 Pin SOP OptoMOS Relay
CPC1130N CLARE-CPC1130N Datasheet
491Kb / 5P
   4-Pin SOP OptoMOS Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com