Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7200K-1A-F3 Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS7200K-1A-F3
Description  Solid State Relay OCMOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7200K-1A-F3 Datasheet(HTML) 3 Page - California Eastern Labs

  PS7200K-1A-F3 Datasheet HTML 1Page - California Eastern Labs PS7200K-1A-F3 Datasheet HTML 2Page - California Eastern Labs PS7200K-1A-F3 Datasheet HTML 3Page - California Eastern Labs PS7200K-1A-F3 Datasheet HTML 4Page - California Eastern Labs PS7200K-1A-F3 Datasheet HTML 5Page - California Eastern Labs PS7200K-1A-F3 Datasheet HTML 6Page - California Eastern Labs PS7200K-1A-F3 Datasheet HTML 7Page - California Eastern Labs PS7200K-1A-F3 Datasheet HTML 8Page - California Eastern Labs PS7200K-1A-F3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet PN10295EJ02V0DS
3
PS7200K-1A
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application Part
Number
*1
PS7200K-1A
PS7200K-1A-A
Pb-Free
Magazine case 100 pcs
Standard products
PS7200K-1A
PS7200K-1A-E3
PS7200K-1A-E3-A
Embossed Tape 900 pcs/reel
(UL, BSI, CSA
PS7200K-1A-E4
PS7200K-1A-E4-A
approved)
PS7200K-1A-F3
PS7200K-1A-F3-A
Embossed Tape 3 500 pcs/reel
PS7200K-1A-F4
PS7200K-1A-F4-A
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
50
mA
Reverse Voltage
VR
5.0
V
Power Dissipation
PD
50
mW
Peak Forward Current
*1
IFP
1
A
MOS FET
Break Down Voltage
VL
40
V
Continuous Load Current
IL
200
mA
Pulse Load Current
*2
(AC/DC Connection)
ILP
400
mA
Power Dissipation
PD
100
mW
Isolation Voltage
*3
BV
1 500
Vr.m.s.
Total Power Dissipation
PT
150
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−40 to +100
°C
*1 PW = 100
µs, Duty Cycle = 1%
*2 PW = 100 ms, 1 shot
*3 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output
Pins 1-2 shorted together, 3-4 shorted together.
<R>


Similar Part No. - PS7200K-1A-F3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS7200K-1A-F3-A ETC1-PS7200K-1A-F3-A Datasheet
351Kb / 11P
   4-PIN SOP, 1.1 Ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7200K-1A-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7221A-2A CEL-PS7221A-2A Datasheet
213Kb / 12P
   Solid State Relay OCMOS FET
PS7141C-2A CEL-PS7141C-2A Datasheet
353Kb / 14P
   Solid State Relay OCMOS FET
PS7200R-1A CEL-PS7200R-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS710CL2-1A CEL-PS710CL2-1A Datasheet
194Kb / 14P
   Solid State Relay OCMOS FET
PS7122A-1A CEL-PS7122A-1A Datasheet
209Kb / 14P
   Solid State Relay OCMOS FET
PS7141E-2A CEL-PS7141E-2A Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
PS7241-1C CEL-PS7241-1C Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
PS7205B-1A CEL-PS7205B-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS7122A-1C CEL-PS7122A-1C Datasheet
201Kb / 14P
   Solid State Relay OCMOS FET
logo
Renesas Technology Corp
PS7122A-1B RENESAS-PS7122A-1B Datasheet
271Kb / 16P
   Solid State Relay OCMOS FET
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com