Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7205B-1A-F4 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS7205B-1A-F4
Description  Solid State Relay OCMOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7205B-1A-F4 Datasheet(HTML) 2 Page - California Eastern Labs

  PS7205B-1A-F4 Datasheet HTML 1Page - California Eastern Labs PS7205B-1A-F4 Datasheet HTML 2Page - California Eastern Labs PS7205B-1A-F4 Datasheet HTML 3Page - California Eastern Labs PS7205B-1A-F4 Datasheet HTML 4Page - California Eastern Labs PS7205B-1A-F4 Datasheet HTML 5Page - California Eastern Labs PS7205B-1A-F4 Datasheet HTML 6Page - California Eastern Labs PS7205B-1A-F4 Datasheet HTML 7Page - California Eastern Labs PS7205B-1A-F4 Datasheet HTML 8Page - California Eastern Labs PS7205B-1A-F4 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Data Sheet PN10060EJ03V0DS
2
PS7205B-1A
PACKAGE DIMENSIONS (Unit: mm)
43
12
TOP VIEW
4.4
7.0±0.3
0.5±0.3
2.54
4.0±0.5
0.40
+0.10
–0.05
0.25 M
1. LED Anode
2. LED Cathode
3. MOS FET
4. MOS FET
MARKING EXAMPLE (LASER MARKING)
No.1 pin Mark
Assembly Lot
Type Number
PS7205B-1A
*1 Bar : Pb-Free
Remark Applicable type numbers are underlined below
N6
01
Week Assembled
Year Assembled
(Last 1 Digit)
Rank Code
*1
205B
N601
<R>


Similar Part No. - PS7205B-1A-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS7205B-1A-F4 NEC-PS7205B-1A-F4 Datasheet
65Kb / 8P
   4 PIN SOP, 0.9 ohm, LOW ON-STATE RESISTANCE 80 V BREAK DOWN VOLTAGE, 500 mA CONTINUOUS LOAD CURRENT 1-CH OPTICAL COUPLED MOSFET
PS7205B-1A-F4 NEC-PS7205B-1A-F4 Datasheet
106Kb / 13P
   4-PIN SOP, 0.9 廓 LOW ON-STATE RESISTANCE 80 V BREAK DOWN VOLTAGE 500 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS7205B-1A-F4-A NEC-PS7205B-1A-F4-A Datasheet
106Kb / 13P
   4-PIN SOP, 0.9 廓 LOW ON-STATE RESISTANCE 80 V BREAK DOWN VOLTAGE 500 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7205B-1A-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7221A-2A CEL-PS7221A-2A Datasheet
213Kb / 12P
   Solid State Relay OCMOS FET
PS7141C-2A CEL-PS7141C-2A Datasheet
353Kb / 14P
   Solid State Relay OCMOS FET
PS7200R-1A CEL-PS7200R-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS710CL2-1A CEL-PS710CL2-1A Datasheet
194Kb / 14P
   Solid State Relay OCMOS FET
PS7122A-1A CEL-PS7122A-1A Datasheet
209Kb / 14P
   Solid State Relay OCMOS FET
PS7141E-2A CEL-PS7141E-2A Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
PS7241-1C CEL-PS7241-1C Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
PS7200K-1A CEL-PS7200K-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS7122A-1C CEL-PS7122A-1C Datasheet
201Kb / 14P
   Solid State Relay OCMOS FET
logo
Renesas Technology Corp
PS7122A-1B RENESAS-PS7122A-1B Datasheet
271Kb / 16P
   Solid State Relay OCMOS FET
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com