Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7221A-2A-F3 Datasheet(PDF) 8 Page - California Eastern Labs

Part # PS7221A-2A-F3
Description  Solid State Relay OCMOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7221A-2A-F3 Datasheet(HTML) 8 Page - California Eastern Labs

Back Button PS7221A-2A-F3 Datasheet HTML 4Page - California Eastern Labs PS7221A-2A-F3 Datasheet HTML 5Page - California Eastern Labs PS7221A-2A-F3 Datasheet HTML 6Page - California Eastern Labs PS7221A-2A-F3 Datasheet HTML 7Page - California Eastern Labs PS7221A-2A-F3 Datasheet HTML 8Page - California Eastern Labs PS7221A-2A-F3 Datasheet HTML 9Page - California Eastern Labs PS7221A-2A-F3 Datasheet HTML 10Page - California Eastern Labs PS7221A-2A-F3 Datasheet HTML 11Page - California Eastern Labs PS7221A-2A-F3 Datasheet HTML 12Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet PN10300EJ02V0DS
8
PS7221A-2A
TAPING SPECIFICATIONS (in millimeters)
PS7221A-2A-F3
PS7221A-2A-F4
Tape Direction
Outline and Dimensions (Reel)
Packing: 1 500 pcs/reel
2.0±0.5
13.0±0.2
R 1.0
21.0±0.8
2.0±0.5
15.9 to 19.4
Outer edge of
flange
21.5±1.0
17.5±1.0
Outline and Dimensions (Tape)
1.55±0.1
12.0±0.1
2.0±0.05
4.0±0.1
1.55
7.6±0.1
2.8 MAX.
+0.1
–0
2.3±0.1
0.3


Similar Part No. - PS7221A-2A-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7221A-2A-F3 NEC-PS7221A-2A-F3 Datasheet
70Kb / 7P
   8-PIN SOP, 260 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7221A-2A-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7141C-2A CEL-PS7141C-2A Datasheet
353Kb / 14P
   Solid State Relay OCMOS FET
PS7200R-1A CEL-PS7200R-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS710CL2-1A CEL-PS710CL2-1A Datasheet
194Kb / 14P
   Solid State Relay OCMOS FET
PS7122A-1A CEL-PS7122A-1A Datasheet
209Kb / 14P
   Solid State Relay OCMOS FET
PS7141E-2A CEL-PS7141E-2A Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
PS7241-1C CEL-PS7241-1C Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
PS7205B-1A CEL-PS7205B-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS7200K-1A CEL-PS7200K-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS7122A-1C CEL-PS7122A-1C Datasheet
201Kb / 14P
   Solid State Relay OCMOS FET
logo
Renesas Technology Corp
PS7122A-1B RENESAS-PS7122A-1B Datasheet
271Kb / 16P
   Solid State Relay OCMOS FET
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com