Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7221A-2A-F3 Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS7221A-2A-F3
Description  Solid State Relay OCMOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7221A-2A-F3 Datasheet(HTML) 5 Page - California Eastern Labs

  PS7221A-2A-F3 Datasheet HTML 1Page - California Eastern Labs PS7221A-2A-F3 Datasheet HTML 2Page - California Eastern Labs PS7221A-2A-F3 Datasheet HTML 3Page - California Eastern Labs PS7221A-2A-F3 Datasheet HTML 4Page - California Eastern Labs PS7221A-2A-F3 Datasheet HTML 5Page - California Eastern Labs PS7221A-2A-F3 Datasheet HTML 6Page - California Eastern Labs PS7221A-2A-F3 Datasheet HTML 7Page - California Eastern Labs PS7221A-2A-F3 Datasheet HTML 8Page - California Eastern Labs PS7221A-2A-F3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet PN10300EJ02V0DS
5
PS7221A-2A
TYPICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
–25
0
25
50
75
85
100
100
80
60
40
0
20
Ambient Temperature TA (˚C)
MAXIMUM FORWARD CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
MAXIMUM LOAD CURRENT vs.
AMBIENT TEMPERATURE
1 mA
5 mA
20 mA
30 mA
IF = 50 mA
10 mA
–25
0
25
50
75
100
1.6
1.4
1.2
1.0
0.8
Ambient Temperature TA (˚C)
AMBIENT TEMPERATURE
FORWARD VOLTAGE vs.
Applied Voltage VD (V)
OUTPUT CAPACITANCE vs.
APPLIED VOLTAGE
LOAD CURRENT vs. LOAD VOLTAGE
Load Voltage VL (V)
f = 1 MHz
10
20
30
40
60
50
250
200
150
100
0
50
–25
0
25
50
75
85
100
300
200
150
100
0
50
250
IF = 10 mA
–1.0
–0.5
0.5
1.0
0
200
100
–100
–200
Ambient Temperature TA (˚C)
OFF-STATE LEAKAGE CURRENT vs.
AMBIENT TEMPERATURE
10
–6
10
–11
10
–8
10
–7
10
–9
10
–10
020
40
60
80
VD = 260 V
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS7221A-2A-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7221A-2A-F3 NEC-PS7221A-2A-F3 Datasheet
70Kb / 7P
   8-PIN SOP, 260 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7221A-2A-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7141C-2A CEL-PS7141C-2A Datasheet
353Kb / 14P
   Solid State Relay OCMOS FET
PS7200R-1A CEL-PS7200R-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS710CL2-1A CEL-PS710CL2-1A Datasheet
194Kb / 14P
   Solid State Relay OCMOS FET
PS7122A-1A CEL-PS7122A-1A Datasheet
209Kb / 14P
   Solid State Relay OCMOS FET
PS7141E-2A CEL-PS7141E-2A Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
PS7241-1C CEL-PS7241-1C Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
PS7205B-1A CEL-PS7205B-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS7200K-1A CEL-PS7200K-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS7122A-1C CEL-PS7122A-1C Datasheet
201Kb / 14P
   Solid State Relay OCMOS FET
logo
Renesas Technology Corp
PS7122A-1B RENESAS-PS7122A-1B Datasheet
271Kb / 16P
   Solid State Relay OCMOS FET
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com