Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7522L-2A-E4 Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS7522L-2A-E4
Description  6, 8 PIN DIP SLOW SWITCHING TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7522L-2A-E4 Datasheet(HTML) 5 Page - California Eastern Labs

  PS7522L-2A-E4 Datasheet HTML 1Page - California Eastern Labs PS7522L-2A-E4 Datasheet HTML 2Page - California Eastern Labs PS7522L-2A-E4 Datasheet HTML 3Page - California Eastern Labs PS7522L-2A-E4 Datasheet HTML 4Page - California Eastern Labs PS7522L-2A-E4 Datasheet HTML 5Page - California Eastern Labs PS7522L-2A-E4 Datasheet HTML 6Page - California Eastern Labs PS7522L-2A-E4 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
Ambient Temperature, TA (
°C)
NORMALIZED TURN-ON TIME vs.
AMBIENT TEMPERATURE
NORMALIZED TURN-OFF TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
OUTLINE DIMENSIONS (Units in mm)
1. LED Anode
2. LED Cathode
3. LED Anode
4. LED Cathode
5. MOSFET
6. MOSFET
7. MOSFET
8. MOSFET
(TOP VIEW)
(TOP VIEW)
1. LED Anode
2. LED Cathode
3. LED Anode
4. LED Cathode
5. MOSFET
6. MOSFET
7. MOSFET
8. MOSFET
PS7522-1A
PS7522L-1A
1. LED Anode
2. LED Cathode
3. NC
4. MOSFET Drain
5. MOSFET Source
6. MOSFET Drain
1. LED Anode
2. LED Cathode
3. NC
4. MOSFET Drain
5. MOSFET Source
6. MOSFET Drain
PS7522-2A
(TOP VIEW)
(TOP VIEW)
PS7522L-2A
PS7522-1A, -2A, PS7522L-1A, -2A
3.0
2.5
2.0
1.5
1.0
0.5
0
-25
0
25
50
75
100
Normalized to 1.0
at TA = 25°C,
IF = 1.4 mA,
VO = 60
3.0
2.5
2.0
1.5
1.0
0.5
0
-25
0
25
50
75
100
Normalized to 1.0
at TA = 25°C,
IF = 1.4 mA,
VO = 60 V
9.25±0.5
0.25 M
1.34 ± 0.1
2.54
7.62
0 to 15 ˚
6
4
5
1
3
2
3.3±0.3
6.5±0.5
0.50 ± 0.1
1
2
3
4
5
6
6.5±0.5
0.9±0.25
0.10
+0.10
-0.05
9.60±0.4
1.34±0.1
2.54
9.25±0.5
0.25 M
1.34±0.1
2.54
6.5±0.5
9.25±0.5
0.9±0.25
0.10
+0.10
-0.05
9.60±0.4
12
3
4
87
6
5
9.25±0.5
0.25 M
1.34 ± 0.10
0.50 ± 0.10
2.54
7.62
0 to 15 ˚
6.5±0.5
12
3
4
87
6
5


Similar Part No. - PS7522L-2A-E4

ManufacturerPart #DatasheetDescription
logo
NEC
PS7522L-2A-E4 NEC-PS7522L-2A-E4 Datasheet
81Kb / 12P
   6, 8-PIN DIP, SLOW SWITCHING TYPE 1-ch, 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7522L-2A-E4

ManufacturerPart #DatasheetDescription
logo
NEC
PS7522-1A NEC-PS7522-1A Datasheet
81Kb / 12P
   6, 8-PIN DIP, SLOW SWITCHING TYPE 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS71221 CEL-PS71221 Datasheet
72Kb / 7P
   6 AND 8 PIN DIP, 200 V BREAK DOWN VOLTAGE 1-CH, 2-CH OPTICAL COUPLED MOSFET
logo
NEC
PS7141-2B NEC-PS7141-2B Datasheet
56Kb / 7P
   6 AND 8 PIN DIP 400 V BREAKDOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET
PS7122A-1B NEC-PS7122A-1B Datasheet
76Kb / 7P
   6, 8 PIN DIP 250 V BREAK DOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET
PS7122-1A NEC-PS7122-1A Datasheet
81Kb / 12P
   6, 8-PIN DIP, 200 V BREAK DOWN VOLTAGE 1-ch, 2-ch Optical Coupled MOS FET
PS7113-1A NEC-PS7113-1A Datasheet
82Kb / 12P
   6, 8-PIN DIP, 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
PS7141-2A NEC-PS7141-2A Datasheet
46Kb / 6P
   8 PIN DIP 400 V BREAKDOWN VOLTAGE 2-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7160-2A CEL-PS7160-2A Datasheet
341Kb / 11P
   8-PIN DIP, 600V BREAK DOWN VOLTAGE 2-cH Optical Coupled MOSFET
PS7122A-1B CEL-PS7122A-1B Datasheet
381Kb / 15P
   6, 8-PIN DIP, 250 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7142-1B CEL-PS7142-1B Datasheet
389Kb / 11P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com