Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7801D-1A Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS7801D-1A
Description  4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7801D-1A Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS7801D-1A Datasheet HTML 2Page - California Eastern Labs PS7801D-1A Datasheet HTML 3Page - California Eastern Labs PS7801D-1A Datasheet HTML 4Page - California Eastern Labs PS7801D-1A Datasheet HTML 5Page - California Eastern Labs PS7801D-1A Datasheet HTML 6Page - California Eastern Labs PS7801D-1A Datasheet HTML 7Page - California Eastern Labs PS7801D-1A Datasheet HTML 8Page - California Eastern Labs PS7801D-1A Datasheet HTML 9Page - California Eastern Labs PS7801D-1A Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
–25
0
25
50
75
100
2.0
1.6
1.2
0.8
0.4
0
Normalized to 1.0
at TA = 25˚C,
IF = 5 mA,
IL = 120 mA
Ambient Temperature TA (˚C)
NORMALIZED ON-STATE RESISTANCE vs.
AMBIENT TEMPERATURE
11
13
14
15
10
12
60
40
30
20
0
10
50
n = 50 pcs,
IF = 5 mA,
IL = 120 mA
ON-STATE RESISTANCE DISTRIBUTION
On-state Resistance Ron (
Ω)
TURN-ON TIME vs. FORWARD CURRENT
Forward Current IF (mA)
TURN-OFF TIME vs. FORWARD CURRENT
Forward Current IF (mA)
0.015
0.025
0.035
0.040
0.020
0.030
60
40
30
20
0
10
50
Turn-on Time ton (ms)
TURN-ON TIME DISTRIBUTION
n = 50 pcs,
IF = 5 mA,
VO = 5 V,
RL = 500
Ω,
PW = 10 ms
Turn-off Time toff (ms)
TURN-OFF TIME DISTRIBUTION
5
15
20
25
10
0.20
0.16
0.12
0.08
0.04
0
VO = 5 V,
RL = 500
Ω,
PW = 10 ms
5
15
20
25
10
0.5
0.4
0.3
0.2
0.1
0
VO = 5 V,
RL = 500
Ω,
PW = 10 ms
0.03
0.05
60
40
30
20
0
10
50
0.02
0.04
0.06
0.07
n = 50 pcs,
IF = 5 mA,
VO = 5 V,
RL = 500
Ω,
PW = 10 ms
Remark The graphs indicate nominal characteristics.
Data Sheet PN10551EJ03V0DS
6
PS7801D-1A


Similar Part No. - PS7801D-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7801D-1A NEC-PS7801D-1A Datasheet
121Kb / 9P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF), 1-ch Optical Coupled MOS FET
PS7801D-1A NEC-PS7801D-1A Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801D-1A RENESAS-PS7801D-1A Datasheet
322Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE (0.6 pF)
logo
NEC
PS7801D-1A-A NEC-PS7801D-1A-A Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
PS7801D-1A-F3 NEC-PS7801D-1A-F3 Datasheet
121Kb / 9P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF), 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7801D-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7801D-1A NEC-PS7801D-1A_1 Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
PS7801D-1A NEC-PS7801D-1A Datasheet
121Kb / 9P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF), 1-ch Optical Coupled MOS FET
PS7802-1A NEC-PS7802-1A Datasheet
101Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801-1A RENESAS-PS7801-1A_15 Datasheet
226Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7801F-1A NEC-PS7801F-1A Datasheet
94Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7802-1A CEL-PS7802-1A Datasheet
342Kb / 14P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801K-1A RENESAS-PS7801K-1A Datasheet
248Kb / 12P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7801K-1A NEC-PS7801K-1A Datasheet
94Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801K-1A CEL-PS7801K-1A Datasheet
184Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
PS7801F-1A CEL-PS7801F-1A Datasheet
204Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com