Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

323152 Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # 323152
Description  STRATO-THERM Terminals & Splices for High Temperature Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

323152 Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  323152 Datasheet HTML 1Page - Analog Intergrations Corporation 323152 Datasheet HTML 2Page - Analog Intergrations Corporation 323152 Datasheet HTML 3Page - Analog Intergrations Corporation 323152 Datasheet HTML 4Page - Analog Intergrations Corporation 323152 Datasheet HTML 5Page - Analog Intergrations Corporation 323152 Datasheet HTML 6Page - Analog Intergrations Corporation 323152 Datasheet HTML 7Page - Analog Intergrations Corporation 323152 Datasheet HTML 8Page - Analog Intergrations Corporation 323152 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Catalog 82011
Revised 3-98
Table of Contents
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Product Information Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3, 4
Insulated Terminals and Splices:
PIDG (Pre-Insulated Diamond Grip)
Ring Tongue Terminals — 550°F [288°C] and 500°F [260°C] . . . . . . . . . . . . . . . . . 5, 6
Insulation Restriction Ring Tongue Terminals — 550°F [288°C] . . . . . . . . . . . . . . . . . 6
Splices — 500°F [260°C] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Spare Wire Caps — 550°F [288°C] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Post Insulated
Ring Tongue Terminals — 500°F [260°C] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Splices — 550°F [288°C] and 500°F [260°C] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Uninsulated Terminals and Splices:
Non-Insulation Support
Heat Resistant 650°F [343°C] —
Ring Tongue Terminals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9, 10
Splices. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
High Temperature 1200°F [649°C] —
Ring Tongue Terminals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Spade Tongue Terminals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Splices. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Insulation Support
Heat Resistant 650°F [343°C] —
Ring Tongue Terminals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Splices. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
High Temperature 1200°F [649°C] —
Ring Tongue Terminals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14, 15
Splices. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Application Tooling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17-21
Numerical Index. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
STRATO-THERM
Terminals & Splices for High Temperature Applications


Similar Part No. - 323152

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3231 POMONA-3231 Datasheet
28Kb / 1P
   Size B Aluminum Box With Cover BNC Male/Female
logo
List of Unclassifed Man...
3231 ETC2-3231 Datasheet
92Kb / 2P
   WASHERS AND NUTS
logo
Heyco.
3231 HEYCO-3231 Datasheet
264Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
KR Electronics, Inc.
3231-SMA KR-3231-SMA Datasheet
98Kb / 3P
   750 MHz Bandpass Filter
logo
Belden Inc.
323106A BELDEN-323106A Datasheet
213Kb / 2P
   RS-485, 1 Pr, 22AWG, Str TC, PE Ins, with OS, 1C 22AWG Str, PVC Ins, OA TC Brd, PVC Jkt, AIA, CPE Jkt, CM, PLTC, Sun Res
05-05-2023
More results

Similar Description - 323152

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
576782 MACOM-576782 Datasheet
326Kb / 7P
   PIDG STRATO-THERM Terminal Crimping Tools
logo
TE Connectivity Ltd
408-9736 TEC-408-9736 Datasheet
225Kb / 4P
   STRATO-THERM Die Head Assembly
logo
Tyco Electronics
5767154-3 MACOM-5767154-3 Datasheet
326Kb / 7P
   PIDG STRATO-THERM Terminal Crimping Tools
323063 MACOM-323063 Datasheet
91Kb / 1P
   TERMINAL, RING TONGUE, HEAT RESISTANT, STRATO-THERM
logo
TE Connectivity Ltd
408-10228 TEC-408-10228 Datasheet
315Kb / 5P
   This instruction sheet provides application instructions, maintenance, and inspection procedures for PIDG STRATO-THERM
logo
Tyco Electronics
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
50845-1 MACOM-50845-1 Datasheet
28Kb / 1P
   WIRE TERMINAL PIDG-STRATO-THERM-RING TONGUE WIRE SIZE: 12-10
320569 MACOM-320569 Datasheet
258Kb / 30P
   Standard Terminals and Splices
321684 MACOM-321684 Datasheet
48Kb / 1P
   SOLISTRAND, Uninsulated Terminals and Splices
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com