Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAH10005050812Q Datasheet(PDF) 7 Page - International Rectifier

Part # MAH10005050812Q
Description  HIGH RELIABILITY RADIATION HARDENED QUAD OUTPUT DC-DC CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MAH10005050812Q Datasheet(HTML) 7 Page - International Rectifier

Back Button MAH10005050812Q Datasheet HTML 3Page - International Rectifier MAH10005050812Q Datasheet HTML 4Page - International Rectifier MAH10005050812Q Datasheet HTML 5Page - International Rectifier MAH10005050812Q Datasheet HTML 6Page - International Rectifier MAH10005050812Q Datasheet HTML 7Page - International Rectifier MAH10005050812Q Datasheet HTML 8Page - International Rectifier MAH10005050812Q Datasheet HTML 9Page - International Rectifier MAH10005050812Q Datasheet HTML 10Page - International Rectifier MAH10005050812Q Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.irf.com
7
MAH-SERIES
(Nominal Voltage Input, Quad Output)
Design Methodology
Declared Parts Lists defining the EEE parts technical standard and Declared Materials Lists with material
data including outgassing and surface treatment is part of the design standard.
The MAH-Series is developed using a proven conservative design methodology, which includes selecting
radiation tolerant, and established reliability components and fully derating to the requirements of EEE-INST-
002 and ECSS-Q-ST-11. In addition to verification and qualification testing and full acceptance testing for
deliverable units, the performance characteristics are verified by theoretical analysis including worst case
analysis including radiation degradation, parts stress analysis, mechanical analysis and thermal analysis.
Reliability Assessment per MIL-HDBK-217F has also been carried out.
Generic Envelope Data Sheet & Existing Models Listings
The MAH-Series is made as a generic design allowing for adaptations to different satellite power buses and
TM/TC systems, different output voltages and currents within the overall envelope specification defined for
the ML-Series.
For each released variant of the MAH-Series detailed data sheet exists with exact data for all parameters.
Existing variants are listed in Table below.
A generic envelope data sheet is presented to indicate the envelope specification within which the MAH-
Series can be adapted to specific customer requirements that cannot be met with one of the existing model
variants listed in Table below.
Where the generic data sheet lists Min rated or Max rated value, it is necessary to look up the actual
parameter in the data sheet for the specific variant in question – for new variants please contact IR HiRel
Sales department.
MAH-Series Product Variant Input Voltage
Outputs
Data Sheet No. Product Status
MAH34101505Q
34V
+5.1V, 1,200mA
TBD
Active
(32-37.5V)
+10.2V, 320mA
-5.0V, 30mA
+15V, 10mA
MAH501509R205Q
50V
+5.1V, 1,500mA
TBD
Active
(49.2-50.5V)
+9.2V, 250mA
-5.0V, 35mA
+15V, 10mA
MAH5009R21505R106Q
50V
+5.1V, 1,600mA
TBD
Active
(49.2 – 50.5V)
+9.2V, 220mA
-6.0V, 40mA
+15V, 30mA
MAH10005R210155R4Q
100V
+5.2V, 1,700mA
TBD
Active
(97-101V)
+10.1V, 250mA
-5.4V, 50mA
+15V, 30mA
MAH10010R11505Q
100V
+10.1V, 850mA
TBD
Active
(97-101V)
+5.1V, 850mA
-5.4V, 50mA
+15V, 30mA


Similar Part No. - MAH10005050812Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MAH1000503R30812Q IRF-MAH1000503R30812Q Datasheet
532Kb / 20P
   HIGH RELIABILITY RADIATION HARDENED QUAD OUTPUT DC-DC CONVERTER
MAH1000503R30812Q IRF-MAH1000503R30812Q Datasheet
1Mb / 20P
   100V Input, Quad Output
MAH1000503R30812Q IRF-MAH1000503R30812Q_15 Datasheet
1Mb / 20P
   100V Input, Quad Output
More results

Similar Description - MAH10005050812Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MAH1000503R30812Q IRF-MAH1000503R30812Q Datasheet
532Kb / 20P
   HIGH RELIABILITY RADIATION HARDENED QUAD OUTPUT DC-DC CONVERTER
M3G2803R305R4T IRF-M3G2803R305R4T Datasheet
146Kb / 9P
   HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
logo
Infineon Technologies A...
M3H280515T INFINEON-M3H280515T Datasheet
289Kb / 9P
   HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
2016-04-19
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com