Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65552ADGQG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS65552ADGQG4
Description  INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65552ADGQG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS65552ADGQG4 Datasheet HTML 1Page - Texas Instruments TPS65552ADGQG4 Datasheet HTML 2Page - Texas Instruments TPS65552ADGQG4 Datasheet HTML 3Page - Texas Instruments TPS65552ADGQG4 Datasheet HTML 4Page - Texas Instruments TPS65552ADGQG4 Datasheet HTML 5Page - Texas Instruments TPS65552ADGQG4 Datasheet HTML 6Page - Texas Instruments TPS65552ADGQG4 Datasheet HTML 7Page - Texas Instruments TPS65552ADGQG4 Datasheet HTML 8Page - Texas Instruments TPS65552ADGQG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
I_PEAK1
I_PEAK2
PGND
SW
VBAT
VCC
F_ON
G_IGBT
CHG
I_PEAK
NC
D Q
F1
D Q
F2
ENA
TSD
XFULL
0 V DS
U1
V_FULL
U2
U3
U4
U0
30 m
Max ON
Logic
Internal
ENA
VCC
I/O Equivalent Circuits
100 kW
VCC
CHG,
F_ON
PGND
30 mW
SW
PGND
VCC
I_PEAK
PGND
XFULL
PGND
VBAT
PGND
10 W
41 W
VCC
G_IGBT
PGND
CHG, F_ON
SW
I_PEAK
XFULL
VBAT
G_IGBT
TPS65552A
SLVS567 – JULY 2005
Figure 2. Functional Block Diagram
Figure 3. I/O Equivalent Circuits
5
Not Recommended for New designs


Similar Part No. - TPS65552ADGQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65552ADGQG4 TI1-TPS65552ADGQG4 Datasheet
531Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
More results

Similar Description - TPS65552ADGQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65552A TI1-TPS65552A_16 Datasheet
531Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563 TI-TPS65563 Datasheet
596Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560 TI-TPS65560 Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI-TPS65552A Datasheet
404Kb / 14P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563A TI-TPS65563A Datasheet
807Kb / 18P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65573 TI-TPS65573 Datasheet
425Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65561 TI-TPS65561 Datasheet
568Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65562 TI1-TPS65562 Datasheet
668Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
logo
Monolithic Power System...
MP3360 MPS-MP3360 Datasheet
324Kb / 8P
   Highly Integrated Photo Flash Charger and IGBT Driver
EV3356DG-00A MPS-EV3356DG-00A Datasheet
279Kb / 6P
   Integrated Photo Flash Charger IGBT Driver EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com