Electronic Components Datasheet Search |
|
2-34318-1 Datasheet(PDF) 6 Page - Analog Intergrations Corporation |
|
2-34318-1 Datasheet(HTML) 6 Page - Analog Intergrations Corporation |
6 / 24 page STRATO-THERM Terminals & Splices for High Temperature Applications Catalog 82011 Revised 3-98 Insulated Terminals and Splices (Continued) For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Product Information Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 6 Tongue Dimensions Wire Part Numbers Wire Size Material Stud Terminal Insulation Body Circular Mils Thickness Size W C E L Insulation Diameter Plating1 Loose Tape [mm2] Max. Min. Max. Max. Color Max. Piece Mounted .281 .219 .794 .937 .214 4 7.14 5.56 20.17 23.80 Black 5.44 Nickel 50844 — 6 .375 .302 .893 1.083 .214 M3.5 9.53 7.67 22.68 27.51 Black 5.44 Nickel 50845 — 8 .375 .302 .893 1.083 .214 M4 9.53 7.67 22.68 27.51 Black 5.44 Nickel 50845-1 — .375 .302 .893 1.083 .214 12-10 .042 9.53 7.67 22.68 27.51 Black 5.44 Nickel 50845-2 — 5,180-13,100 1.07 10 .375 .302 .893 1.083 .214 [2.62-6.64] 9.53 7.67 22.68 27.51 Black 5.44 Gold 1-332446-1 — 1/4 .531 .437 1.012 1.280 .214 M6 13.49 11.10 25.70 32.51 Black 5.44 Nickel 50846 — 5/16 .531 .468 1.059 1.327 .214 M8 13.49 11.89 26.90 33.71 Black 5.44 Nickel 50847 — .593 .531 1.106 1.405 .214 3/8 15.06 13.49 28.09 35.69 Black 5.44 Nickel 50848 — 1Nickel plated parts are to be used with nickel plated wire. Gold plated parts are to be used with silver plated wire. Note: “C” dimension applies from edge of metal wire barrel to center of stud hole. PIDG (Pre-Insulated Diamond Grip) Ring Tongue Terminals (Insulation Restricting) Temperature Rating, Material and Finish Insulation — TEFLON Terminal Body and Metallic Sleeve — Copper per ASTM B152 Plating — Nickel per QQ-N-290, 550°F [288°C] Wire Size Tongue Dimensions Wire Material Stud Terminal Insulation Part Numbers Circular Mils Thickness Size W C E L Insulation Diameter Loose Piece [mm2] Max. Min. Max. Max. Color Max. 24 .020 .300 .281 .652 .807 .055 475 0.51 10 7.62 7.14 16.56 20.50 Blue 1.40 55114-1 [0.24] 22 .025 .281 .250 .666 .809 .110 754 0.64 4 7.14 6.35 16.92 20.55 Green 2.79 53572-1 [0.38] 12 .042 .375 .302 .933 1.123 .200 6,654 1.07 10 9.53 7.67 23.70 28.52 Yellow 5.08 53587-1 [3.37] Note: “C” dimension applies from edge of metal wire barrel to center of stud hole. PIDG (Pre-Insulated Diamond Grip) Ring Tongue Terminals (Continued) Related Product Data Application Tooling — pages 17-21 Related Product Data Application Tooling — pages 17-21 Temperature Rating, Material and Finish Insulation — TEFLON Terminal Body — Copper per ASTM B152 Plating — Nickel per QQ-N-290, 550°F [288°C]. Gold per MIL-G- 45204 over Nickel per QQ-N-290 500°F [260°C] Metallic Sleeve — Copper per ASTM B152 Plating — Nickel per QQ-N-290, 550°F [288°C] |
Similar Part No. - 2-34318-1 |
|
Similar Description - 2-34318-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |