Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

323756 Datasheet(PDF) 10 Page - Analog Intergrations Corporation

Part # 323756
Description  STRATO-THERM Terminals & Splices for High Temperature Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

323756 Datasheet(HTML) 10 Page - Analog Intergrations Corporation

Back Button 323756 Datasheet HTML 6Page - Analog Intergrations Corporation 323756 Datasheet HTML 7Page - Analog Intergrations Corporation 323756 Datasheet HTML 8Page - Analog Intergrations Corporation 323756 Datasheet HTML 9Page - Analog Intergrations Corporation 323756 Datasheet HTML 10Page - Analog Intergrations Corporation 323756 Datasheet HTML 11Page - Analog Intergrations Corporation 323756 Datasheet HTML 12Page - Analog Intergrations Corporation 323756 Datasheet HTML 13Page - Analog Intergrations Corporation 323756 Datasheet HTML 14Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
STRATO-THERM
Terminals & Splices for High Temperature Applications
Catalog 82011
Revised 3-98
Uninsulated Terminals and Splices (Continued)
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Product Information Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
10
Solistrand
Heat Resistant
Ring Tongue Terminals
(Continued)
Solistrand
Heat Resistant
Splices
Temperature Rating,
Material and Finish
Splice Body — Copper per
ASTM B152
Plating — Nickel per QQ-N-290,
650°F [343°C]
Related Product Data
Application Tooling — pages 17-21
Style-A
Non-Insulation
Support
Butt Splice
Style-B
Non-Insulation
Support
Parallel Splice
Style-C
Non-Insulation
Support
Butt Splice
Tongue
Dimensions
Part Numbers
Wire Size
Material
Stud
Style
Circular Mils
Thickness
Size
W
C
E
L
Loose
Tape
[mm2]
Max.
Max.
Max.
Piece
Mounted
1/4
.500
.437
.946
1.199
M6
A
12.70
11.10
24.03
30.45
323173
4
.073
5/16
.625
.500
1.009
1.324
33,100-52,600
1.85
M8
A
15.88
12.70
25.63
33.63
323174
[16.8-26.7]
.625
.500
1.009
1.324
3/8
A
15.88
12.70
25.63
33.63
323175
2
.073
.625
.540
1.212
1.527
52,600-83,700
1.85
3/8
B
15.88
13.72
30.78
38.79
323177
[26.7-42.4]
1/0
.073
.807
.625
1.519
1.925
83,700-119,500
1.85
3/8
B
20.50
15.88
38.58
48.90
323180
[42.4-60.6]
Wire Size
Material
Dimensions
Part Numbers
Circular Mils
Thickness
Style
L
ID
OD
Loose
[mm2]
Max.
Max.
Min.
Max.
Piece
.578
.061
.141
A
14.68
1.55
3.58
323796
22-16
.033
.301
.061
.141
509-3,260
0.84
B
7.65
1.55
3.58
323030
[0.26-1.65]
.591
.061
.141
C
15.01
1.55
3.58
322822
.567
.085
.165
A
14.40
2.16
4.19
323795
16-14
.033
.301
.085
.165
2,050-5,180
0.84
B
7.65
2.16
4.19
323794
[1.04-2.62]
.529
.085
.165
C
13.44
2.16
4.19
322824
.565
.129
.226
A
14.35
3.28
5.74
323755
12-10
.042
.333
.129
.226
5,180-13,100
1.07
B
8.46
3.28
5.74
323754
[2.62-6.64]
.703
.129
.226
C
17.86
3.28
5.74
323756
8
.051
.375
.172
.296
13,100-20,800
1.30
B
9.53
4.37
7.52
2-34318-1
[6.64-10.5]
Temperature Rating,
Material and Finish
Terminal Body — Copper per
ASTM B152
Plating — Nickel per QQ-N-290,
650°F [343°C]
Related Product Data
Application Tooling — pages 17-21
Non-Insulation Support
Non-Insulation Support
(Wire Range 2 & 1/0)


Similar Part No. - 323756

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
32375 SCHOTT-32375 Datasheet
27Kb / 1P
   TI/E1/CEPT/ISDN-PRI DUAL TRANSFORMER
logo
Wurth Elektronik GmbH &...
3237547 WURTH-3237547 Datasheet
1Mb / 7P
   WE-CBA SMD EMI Suppression Ferrite Bead
logo
Tyco Electronics
323758 MACOM-323758 Datasheet
258Kb / 30P
   Standard Terminals and Splices
More results

Similar Description - 323756

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
576782 MACOM-576782 Datasheet
326Kb / 7P
   PIDG STRATO-THERM Terminal Crimping Tools
logo
TE Connectivity Ltd
408-9736 TEC-408-9736 Datasheet
225Kb / 4P
   STRATO-THERM Die Head Assembly
logo
Tyco Electronics
5767154-3 MACOM-5767154-3 Datasheet
326Kb / 7P
   PIDG STRATO-THERM Terminal Crimping Tools
323063 MACOM-323063 Datasheet
91Kb / 1P
   TERMINAL, RING TONGUE, HEAT RESISTANT, STRATO-THERM
logo
TE Connectivity Ltd
408-10228 TEC-408-10228 Datasheet
315Kb / 5P
   This instruction sheet provides application instructions, maintenance, and inspection procedures for PIDG STRATO-THERM
logo
Tyco Electronics
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
50845-1 MACOM-50845-1 Datasheet
28Kb / 1P
   WIRE TERMINAL PIDG-STRATO-THERM-RING TONGUE WIRE SIZE: 12-10
320569 MACOM-320569 Datasheet
258Kb / 30P
   Standard Terminals and Splices
321684 MACOM-321684 Datasheet
48Kb / 1P
   SOLISTRAND, Uninsulated Terminals and Splices
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com