Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT8945AQJ303-T Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT8945AQJ303-T
Description  Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8945AQJ303-T Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT8945AQJ303-T Datasheet HTML 1Page - Active-Semi, Inc ACT8945AQJ303-T Datasheet HTML 2Page - Active-Semi, Inc ACT8945AQJ303-T Datasheet HTML 3Page - Active-Semi, Inc ACT8945AQJ303-T Datasheet HTML 4Page - Active-Semi, Inc ACT8945AQJ303-T Datasheet HTML 5Page - Active-Semi, Inc ACT8945AQJ303-T Datasheet HTML 6Page - Active-Semi, Inc ACT8945AQJ303-T Datasheet HTML 7Page - Active-Semi, Inc ACT8945AQJ303-T Datasheet HTML 8Page - Active-Semi, Inc ACT8945AQJ303-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
ACT8945A
Rev 2, 11-Feb-14
- 3 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2014 Active-Semi, Inc.
Innovative PowerTM
Active-Semi Proprietary―For Authorized Recipients and Customers
FUNCTIONAL BLOCK DIAGRAM
ACT8945A
REG6
LDO
REG7
LDO
Charge
Control
CHGIN
BAT
CURRENT SENSE
VOLTAGE SENSE
4.35V to 6V
AC Adaptor
USB
Li+ Battery
BODY
SWITCH
SDA
ActivePath
Control
System Supply
VSYS
BODY
SWITCH
2.85V
PRE-
CONDITION
110°C
THERMAL
REGULATION
VP2
GP12
SW2
OUT2
OUT2
VP1
GP12
SW1
OUT1
OUT1
To VSYS
(Optional)
TH
OUT7
OUT6
REG5
LDO
OUT5
OUT7
OUT6
OUT5
System
Control
nIRQ
REG4
LDO
OUT4
OUT4
INL
REFBP
Reference
ACIN
ISET
VP3
GP3
SW3
OUT3
OUT3
+
CHGLEV
GA
EP
nSTAT
CHARGE STATUS
VSYS
To VSYS
To VSYS
To VSYS
nPBSTAT
PWRHLD
SCL
nRSTO
VSEL
nLBO
1.2V
-
+
LBI
VSYS
BAT
102µA
VIO
VIO
OUT1
nPBIN
PUSH BUTTON
VSYS


Similar Part No. - ACT8945AQJ303-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8945AQJ303-T ACTIVE-SEMI-ACT8945AQJ303-T Datasheet
779Kb / 42P
   Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
More results

Similar Description - ACT8945AQJ303-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8865 ACTIVE-SEMI-ACT8865 Datasheet
586Kb / 30P
   Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8945A ACTIVE-SEMI-ACT8945A Datasheet
779Kb / 42P
   Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
EA8945AQJ405 ACTIVE-SEMI-EA8945AQJ405 Datasheet
1Mb / 44P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
EA8945AQJ305 ACTIVE-SEMI-EA8945AQJ305 Datasheet
1Mb / 44P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
ACT8865 ACTIVE-SEMI-ACT8865_16 Datasheet
824Kb / 31P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
ACT8945A ACTIVE-SEMI-ACT8945A_16 Datasheet
1Mb / 44P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
EA8865QI305 ACTIVE-SEMI-EA8865QI305 Datasheet
828Kb / 31P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
ACT8946A ACTIVE-SEMI-ACT8946A Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
83Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com