Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK20J60U Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TK20J60U
Description  Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TK20J60U Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TK20J60U Datasheet HTML 1Page - Toshiba Semiconductor TK20J60U Datasheet HTML 2Page - Toshiba Semiconductor TK20J60U Datasheet HTML 3Page - Toshiba Semiconductor TK20J60U Datasheet HTML 4Page - Toshiba Semiconductor TK20J60U Datasheet HTML 5Page - Toshiba Semiconductor TK20J60U Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TK20J60U
2013-11-01
3
VGS = 10, 15 V
Tc
= −55°C
8, 10
10
8
7
7.5
VGS = 5.5 V
6.5
6
7
7.5
6.5
6
0.01
1
100
10
0.1
0.1
1
0.1
100
10
0.1
100
10
25
100
1
1
0
10
2
4
8
4
0
20
12
16
6
8
10
5
ID = 20A
0
40
8
16
32
2
0
10
6
8
24
4
100
25
Tc
= −55°C
0
40
8
24
16
32
10
0
50
20
30
40
0
20
4
12
8
16
1
0
5
2
3
4
ID – VDS
Drain
−source voltage VDS (V)
ID – VDS
Drain
−source voltage VDS (V)
Common source
Tc
= 25°C
Pulse test
ID – VGS
Gate
−source voltage VGS (V)
VDS – VGS
Gate
−source voltage VGS (V)
⎪Yfs⎪ − ID
Drain current ID (A)
RDS (ON) − ID
Drain current ID (A)
Common source
Tc
= 25°C
Pulse test
Common source
VDS = 20 V
Pulse test
Common source
VDS = 10 V
Pulse test
Common source
Tc
= 25°C
Pulse test
Common source
Tc
= 25°C
Pulse test
VGS = 5.5 V


Similar Part No. - TK20J60U

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK20J60U TOSHIBA-TK20J60U Datasheet
198Kb / 6P
   Switching Regulator Applications
TK20J60U TOSHIBA-TK20J60U Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
TK20J60U ISC-TK20J60U Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - TK20J60U

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com