Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJA1051T-3 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TJA1051T-3
Description  High-speed CAN transceiver Rev. 6 ??25 March 2011
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TJA1051T-3 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TJA1051T-3 Datasheet HTML 5Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 6Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 7Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 8Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 9Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 10Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 11Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 12Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TJA1051
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 25 March 2011
9 of 21
NXP Semiconductors
TJA1051
High-speed CAN transceiver
[1]
Only TJA1051T/3 and TJA1051TK/3 have a VIO pin. In transceivers without a VIO pin, the VIO input is internally connected to VCC.
[2]
All parameters are guaranteed over the virtual junction temperature range by design. Factory testing uses correlated test conditions to
cover the specified temperature and power supply voltage range.
[3]
Only TJA1051T/E has an EN pin.
[4]
Maximum value assumes VCC <VIO; if VCC >VIO, the maximum value will be VCC + 0.3 V.
[5]
Not tested in production; guaranteed by design.
[6]
Vcm(CAN) is the common mode voltage of CANH and CANL.
11. Dynamic characteristics
VO(dif)bus
bus differential output voltage
VTXD =0V; t<tto(dom)TXD
VCC = 4.75 V to 5.25 V
RL =45 Ω to 65 Ω
1.5
-
3
V
VTXD =VIO; recessive; no load
−50
-
+50
mV
VO(rec)
recessive output voltage
Normal and Silent modes;
VTXD =VIO; no load
20.5VCC 3V
Vth(RX)dif
differential receiver threshold
voltage
Normal and Silent modes
Vcm(CAN)[6] = −30 V to +30 V
0.5
0.7
0.9
V
Vhys(RX)dif
differential receiver hysteresis
voltage
Normal and Silent modes
Vcm(CAN) = −30 V to +30 V
50
120
200
mV
IO(dom)
dominant output current
VTXD =0V; t<tto(dom)TXD; VCC =5 V
pin CANH; VCANH =0V
−100
−70
−40
mA
pin CANL; VCANL = 5 V / 40 V
40
70
100
mA
IO(rec)
recessive output current
Normal and Silent modes; VTXD =VIO
VCANH =VCANL = −27 V to +32 V
−5-
+5
mA
IL
leakage current
VCC =VIO =0V;
VCANH =VCANL =5 V
−50
+5
μA
Ri
input resistance
9
15
28
k
Ω
ΔR
i
input resistance deviation
between VCANH and VCANL
−10
+1
%
Ri(dif)
differential input resistance
19
30
52
k
Ω
Ci(cm)
common-mode input
capacitance
[5] --
20
pF
Ci(dif)
differential input capacitance
[5] --
10
pF
Temperature protection
Tj(sd)
shutdown junction
temperature
[5] -
190
-
°C
Table 7.
Static characteristics …continued
Tvj = 40 °C to +150 °C; VCC = 4.5 V to 5.5 V; VIO = 2.8 V to 5.5 V[1]; RL =60 Ω unless specified otherwise; All voltages are
defined with respect to ground; Positive currents flow into the IC[2].
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 8.
Dynamic characteristics
Tvj = 40 °C to +150 °C; VCC = 4.5 V to 5.5 V; VIO = 2.8 V to 5.5 V[1]; RL =60 Ω unless specified otherwise. All voltages are
defined with respect to ground. Positive currents flow into the IC.[2]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Transceiver timing; pins CANH, CANL, TXD and RXD; see Figure 3 and Figure 4
td(TXD-busdom)
delay time from TXD to bus dominant
Normal mode
-
65
-
ns
td(TXD-busrec)
delay time from TXD to bus recessive
Normal mode
-
90
-
ns


Similar Part No. - TJA1051T-3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1051T-3 PHILIPS-TJA1051T-3 Datasheet
189Kb / 21P
   High-speed CAN transceiver
Rev. 6-25 March 2011
TJA1051T-3112 PHILIPS-TJA1051T-3112 Datasheet
189Kb / 21P
   High-speed CAN transceiver
Rev. 6-25 March 2011
More results

Similar Description - TJA1051T-3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1051T-118 PHILIPS-TJA1051T-118 Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
PMLL4148L115 NXP-PMLL4148L115 Datasheet
122Kb / 11P
   High-speed switching diodes Rev. 8 ??1 February 2011
Rev. 8-1 February 2011
PESD3V3S1UL-315 NXP-PESD3V3S1UL-315 Datasheet
313Kb / 15P
   Unidirectional ESD protection diodes Rev. 3 ??25 October 2011
Rev. 3-25 October 2011
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com