Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJA1051T-3 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TJA1051T-3
Description  High-speed CAN transceiver Rev. 6 ??25 March 2011
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TJA1051T-3 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TJA1051T-3 Datasheet HTML 4Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 5Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 6Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 7Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 8Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 9Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 10Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 11Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TJA1051
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 25 March 2011
8 of 21
NXP Semiconductors
TJA1051
High-speed CAN transceiver
10. Static characteristics
Table 7.
Static characteristics
Tvj = 40 °C to +150 °C; VCC = 4.5 V to 5.5 V; VIO = 2.8 V to 5.5 V[1]; RL =60 Ω unless specified otherwise; All voltages are
defined with respect to ground; Positive currents flow into the IC[2].
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply; pin VCC
VCC
supply voltage
4.5
-
5.5
V
ICC
supply current
Off mode (TJA1051T/E)
1
5
8
μA
Silent mode
0.1
1
2.5
mA
Normal mode
recessive; VTXD =VIO
-5
10
mA
dominant; VTXD =0V
-
50
70
mA
Vuvd(VCC)
undervoltage detection
voltage on pin VCC
3.5
-
4.5
V
I/O level adapter supply; pin VIO[1]
VIO
supply voltage on pin VIO
2.8
-
5.5
V
IIO
supply current on pin VIO
Normal and Silent modes
recessive; VTXD =VIO
-80
250
μA
dominant; VTXD = 0 V
-
350
500
μA
Vuvd(VIO)
undervoltage detection
voltage on pin VIO
1.3
-
2.7
V
Mode control inputs; pins S and EN[3]
VIH
HIGH-level input voltage
[4] 0.7VIO
-VIO +0.3 V
VIL
LOW-level input voltage
−0.3
-
0.3VIO
V
IIH
HIGH-level input current
VS =VIO; VEN =VIO
14
10
μA
IIL
LOW-level input current
VS =0V; VEN =0 V
−10
+1
μA
CAN transmit data input; pin TXD
VIH
HIGH-level input voltage
[4] 0.7VIO
-VIO +0.3 V
VIL
LOW-level input voltage
−0.3
-
+0.3VIO
V
IIH
HIGH-level input current
VTXD =VIO
−50
+5
μA
IIL
LOW-level input current
Normal mode; VTXD =0V
−260
−150
−30
μA
Ci
input capacitance
[5] -5
10
pF
CAN receive data output; pin RXD
IOH
HIGH-level output current
VRXD =VIO − 0.4 V; VIO =VCC
−8
−3
−1mA
IOL
LOW-level output current
VRXD = 0.4 V; bus dominant
2
5
12
mA
Bus lines; pins CANH and CANL
VO(dom)
dominant output voltage
VTXD =0V; t<tto(dom)TXD
pin CANH
2.75
3.5
4.5
V
pin CANL
0.5
1.5
2.25
V
Vdom(TX)sym transmitter dominant voltage
symmetry
Vdom(TX)sym = VCC − VCANH − VCANL
−400
0
+400
mV


Similar Part No. - TJA1051T-3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1051T-3 PHILIPS-TJA1051T-3 Datasheet
189Kb / 21P
   High-speed CAN transceiver
Rev. 6-25 March 2011
TJA1051T-3112 PHILIPS-TJA1051T-3112 Datasheet
189Kb / 21P
   High-speed CAN transceiver
Rev. 6-25 March 2011
More results

Similar Description - TJA1051T-3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1051T-118 PHILIPS-TJA1051T-118 Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
PMLL4148L115 NXP-PMLL4148L115 Datasheet
122Kb / 11P
   High-speed switching diodes Rev. 8 ??1 February 2011
Rev. 8-1 February 2011
PESD3V3S1UL-315 NXP-PESD3V3S1UL-315 Datasheet
313Kb / 15P
   Unidirectional ESD protection diodes Rev. 3 ??25 October 2011
Rev. 3-25 October 2011
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com