Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1522P Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TEA1522P
Description  SMPS ICs for low-power systems Rev. 04 ??14 September 2010
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1522P Datasheet(HTML) 2 Page - NXP Semiconductors

  TEA1522P Datasheet HTML 1Page - NXP Semiconductors TEA1522P Datasheet HTML 2Page - NXP Semiconductors TEA1522P Datasheet HTML 3Page - NXP Semiconductors TEA1522P Datasheet HTML 4Page - NXP Semiconductors TEA1522P Datasheet HTML 5Page - NXP Semiconductors TEA1522P Datasheet HTML 6Page - NXP Semiconductors TEA1522P Datasheet HTML 7Page - NXP Semiconductors TEA1522P Datasheet HTML 8Page - NXP Semiconductors TEA1522P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TEA152X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 14 September 2010
2 of 20
NXP Semiconductors
TEA152x
SMPS ICs for low-power systems
3.
Applications
Chargers
Adapters
Set-Top Box (STB)
DVD
CD(R)
TV/monitor standby supplies
PC peripherals
Microcontroller supplies in home applications and small portable equipment, etc.
4.
Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vdrain
voltage on pin DRAIN
Tj >0 °C
−0.4
-
+650
V
RDSon
drain-source on-state
resistance
TEA1520x
Isource = −0.06 A
Tj =25 °C
-
48
55.2
Ω
Tj = 100 °C
-
68
78.2
Ω
TEA1521x
Isource = −0.125 A
Tj =25 °C
-
24
27.6
Ω
Tj = 100 °C
-
34
39.1
Ω
TEA1522x
Isource = −0.25 A
Tj =25 °C
-
12
13.8
Ω
Tj = 100 °C
-
17
19.6
Ω
TEA1523P
Isource = −0.50 A
Tj =25 °C-
6.5
7.5
Ω
Tj = 100 °C
-
9.0
10.0
Ω
VCC
supply voltage
continuous
−0.4
-
+40
V
fosc
oscillator frequency
10
100
200
kHz
Idrain
current on pin DRAIN
Vdrain >60V;
no auxiliary supply
-1.5
2
mA


Similar Part No. - TEA1522P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1522P NXP-TEA1522P Datasheet
103Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA1522P NXP-TEA1522P Datasheet
462Kb / 20P
   SMPS ICs for low-power systems
Rev. 04-14 September 2010
TEA1522P PHILIPS-TEA1522P Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
TEA1522P/N2 NXP-TEA1522P/N2 Datasheet
614Kb / 2P
   Cut costs and size for effi cient low-power supplies
2007
More results

Similar Description - TEA1522P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA152X NXP-TEA152X_10 Datasheet
462Kb / 20P
   SMPS ICs for low-power systems
Rev. 04-14 September 2010
TEA152X NXP-TEA152X Datasheet
103Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA152X PHILIPS-TEA152X Datasheet
95Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
SSL1623PH NXP-SSL1623PH Datasheet
85Kb / 15P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL152X NXP-SSL152X_09 Datasheet
103Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 02-10 March 2009
PMBFJ112-215 NXP-PMBFJ112-215 Datasheet
87Kb / 9P
   N-channel junction FETs Rev. 4 ??20 September 2011
Rev. 4-20 September 2011
SSL152X NXP-SSL152X Datasheet
94Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
logo
Texas Instruments
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com