Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5686 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5686
Description  Quad, 16-/12-Bit nanoDAC with I2C Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686 Datasheet(HTML) 5 Page - Analog Devices

  AD5686 Datasheet HTML 1Page - Analog Devices AD5686 Datasheet HTML 2Page - Analog Devices AD5686 Datasheet HTML 3Page - Analog Devices AD5686 Datasheet HTML 4Page - Analog Devices AD5686 Datasheet HTML 5Page - Analog Devices AD5686 Datasheet HTML 6Page - Analog Devices AD5686 Datasheet HTML 7Page - Analog Devices AD5686 Datasheet HTML 8Page - Analog Devices AD5686 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
AD5696/AD5694
Rev. A | Page 5 of 24
AC CHARACTERISTICS
VDD = 2.7 V to 5.5 V; VREF = 2.5 V; 1.8 V ≤ VLOGIC ≤ 5.5 V; RL = 2 kΩ; CL = 200 pF; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter1, 2
Min
Typ
Max
Unit
Test Conditions/Comments3
Output Voltage Settling Time
¼ to ¾ scale settling to ±2 LSB
AD5696
5
8
µs
AD5694
5
7
µs
Slew Rate
0.8
V/µs
Digital-to-Analog Glitch Impulse
0.5
nV-sec
1 LSB change around major carry transition
Digital Feedthrough
0.13
nV-sec
Multiplying Bandwidth
500
kHz
Digital Crosstalk
0.1
nV-sec
Analog Crosstalk
0.2
nV-sec
DAC-to-DAC Crosstalk
0.3
nV-sec
Total Harmonic Distortion4
−80
dB
At TA, BW = 20 kHz, VDD = 5 V, fOUT = 1 kHz
Output Noise Spectral Density
100
nV/√Hz
DAC code = midscale, 10 kHz, gain = 2
Output Noise
6
µV p-p
0.1 Hz to 10 Hz
Signal-to-Noise Ratio (SNR)
90
dB
At TA, BW = 20 kHz, VDD = 5 V, fOUT = 1 kHz
Spurious-Free Dynamic Range (SFDR)
83
dB
At TA, BW = 20 kHz, VDD = 5 V, fOUT = 1 kHz
Signal-to-Noise-and-Distortion Ratio
(SINAD)
80
dB
At TA, BW = 20 kHz, VDD = 5 V, fOUT = 1 kHz
1
Guaranteed by design and characterization; not production tested.
2
See the Terminology section.
3
Temperature range is −40°C to +105°C; typical at 25°C.
4
Digitally generated sine wave at 1 kHz.


Similar Part No. - AD5686

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5686 AD-AD5686 Datasheet
683Kb / 28P
   Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5686 AD-AD5686 Datasheet
787Kb / 12P
   Full-featured evaluation board
AD5686 AD-AD5686 Datasheet
746Kb / 27P
   Quad, 16-/12-Bit nanoDAC
AD5686ACPZ-RL7 AD-AD5686ACPZ-RL7 Datasheet
683Kb / 28P
   Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5686ACPZ-RL7 AD-AD5686ACPZ-RL7 Datasheet
746Kb / 27P
   Quad, 16-/12-Bit nanoDAC
More results

Similar Description - AD5686

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5696 AD-AD5696 Datasheet
748Kb / 24P
   Quad 16-/12-Bit nanoDAC I2C Interface
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
683Kb / 28P
   Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5686 AD-AD5686 Datasheet
746Kb / 27P
   Quad, 16-/12-Bit nanoDAC
AD5316R AD-AD5316R Datasheet
1Mb / 24P
   Quad, 10-Bit nanoDAC Reference, I2C Interface
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5686R AD-AD5686R Datasheet
830Kb / 32P
   Quad, 16-/14-/12-Bit nanoDAC
REV. 0
AD5696R AD-AD5696R Datasheet
761Kb / 32P
   Quad 16-/14-/12-Bit nanoDAC
REV. 0
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5693R AD-AD5693R Datasheet
867Kb / 26P
   Tiny 16-/14-/12-Bit I2C nanoDAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com