Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPN30R Datasheet(PDF) 2 Page - C&D Technologies

Part # WPN30R
Description  30 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

WPN30R Datasheet(HTML) 2 Page - C&D Technologies

  WPN30R Datasheet HTML 1Page - C&D Technologies WPN30R Datasheet HTML 2Page - C&D Technologies WPN30R Datasheet HTML 3Page - C&D Technologies WPN30R Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
WPN30R
REV B
1/2003
Product: www.cdpoweronline.com
SPECIFICATIONS,ALLMODELS
Specifications are at T
CASE = +40°C nominal input voltage unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISOLATION
Rated Voltage
1500
VDC
Resistance
10
G
Capacitance
1000
pF
Leakage Current
240VAC
100
µArms
OUTPUT
Rated Power
30
W
Voltage Setpoint Accuracy
Single Output
±1.5
%
Temperature Coefficient
±0.2
%/°C
Line Regulation
High Line to Low Line
Single Output
±0.1
%
Load Regulation
Min. Load to Nom Load
Single Output
±0.4
%
Ripple & Noise
Single Output
BW = 5Hz to 20 MHz
50
80
mVp-p
Output Adjust Range
All Outputs
±9.5
%
Output Adjust Current
Current Sourced/Sunk by Vadj Pin
±0.5
mA
Short Circuit Protection
Single Output
7.5
A
GENERAL
Switching Frequency
300
kHz
MTTF per MIL-HDBK-217
Circuit Stress Method
Ground Benign
TA = +25°C, Unmodified Database
1,500,000
Hr
Package Weight
90
g
TEMPERATURE
Operation/Specification
Case Temperature
-40
+100
°C
Storage
Case Temperature
-55
+110
°C
Shutdown Temperature
Case Temperature
+105
+107
°C
Thermal Impedance, Case-Ambient
7
°C/W
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
WPN30R48xxyzz
36
48
75
VDC
Reflected Ripple Current
50
75
mA
INPUT CONTROL
Temperature Shutdown
107
°C
Temperature Hysteresis
5°C
Quiescent Standby Current
Current into & Vin
8
10
mA
Under Voltage Shutdown
WPN30R48xxyzz
32.5
V
Under Voltage Hysteresis
WPN30R48xxyzz
1
V


Similar Part No. - WPN30R

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPN30R CANDD-WPN30R Datasheet
204Kb / 4P
   30 Watt Single Output Half Brick DC/DC Converter
WPN30R48S03 CANDD-WPN30R48S03 Datasheet
204Kb / 4P
   30 Watt Single Output Half Brick DC/DC Converter
WPN30R48S05 CANDD-WPN30R48S05 Datasheet
204Kb / 4P
   30 Watt Single Output Half Brick DC/DC Converter
WPN30R48S12 CANDD-WPN30R48S12 Datasheet
204Kb / 4P
   30 Watt Single Output Half Brick DC/DC Converter
WPN30R48S15 CANDD-WPN30R48S15 Datasheet
204Kb / 4P
   30 Watt Single Output Half Brick DC/DC Converter
More results

Similar Description - WPN30R

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TDC_WPN30R CANDD-TDC_WPN30R Datasheet
204Kb / 4P
   30 Watt Single Output Half Brick DC/DC Converter
VKA75XS CANDD-VKA75XS Datasheet
168Kb / 4P
   75 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
   60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
   100 Watt Single Output Half Brick DC/DC Converter
VKA50LS03C MURATA-PS-VKA50LS03C Datasheet
273Kb / 4P
   50 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
IHB100S CANDD-IHB100S Datasheet
241Kb / 4P
   10 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA60XS CANDD-VKA60XS Datasheet
459Kb / 4P
   50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VKA150MS24-205C MURATA-PS-VKA150MS24-205C Datasheet
213Kb / 3P
   150 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
VKA150MS CANDD-VKA150MS Datasheet
124Kb / 4P
   150 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB60S2403C MURATA-PS-IHB60S2403C Datasheet
175Kb / 4P
   60 Watt Single Output Half Brick DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com