Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3G280515T Datasheet(PDF) 7 Page - International Rectifier

Part # M3G280515T
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G280515T Datasheet(HTML) 7 Page - International Rectifier

Back Button M3G280515T Datasheet HTML 3Page - International Rectifier M3G280515T Datasheet HTML 4Page - International Rectifier M3G280515T Datasheet HTML 5Page - International Rectifier M3G280515T Datasheet HTML 6Page - International Rectifier M3G280515T Datasheet HTML 7Page - International Rectifier M3G280515T Datasheet HTML 8Page - International Rectifier M3G280515T Datasheet HTML 9Page - International Rectifier M3G280515T Datasheet HTML 10Page - International Rectifier M3G280515T Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.irf.com
7
M3G-SERIES
(28V Input, TripleOutput)
10
10.5
11
11.5
12
12.5
13
13.5
14
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
±12V Load Current ( Amps each )
5V load = 4A
5V load = 2A
5V load = 0.4A
Figure 2. ±12V Load Regulation vs 5V Load
13
13.5
14
14.5
15
15.5
16
16.5
17
17.5
18
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
±15V Load Current ( Amps each )
5V load = 4A
5V load = 2A
5V load = 0.4A
Figure 3. ±15V Load Regulation vs 5V Load


Similar Part No. - M3G280515T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3G2805R2D IRF-M3G2805R2D Datasheet
195Kb / 15P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G2805R2DCKA IRF-M3G2805R2DCKA Datasheet
195Kb / 15P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G2805R2DCKC IRF-M3G2805R2DCKC Datasheet
195Kb / 15P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G2805R2DEMA IRF-M3G2805R2DEMA Datasheet
195Kb / 15P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G2805R2DEMC IRF-M3G2805R2DEMC Datasheet
195Kb / 15P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - M3G280515T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com