Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3G2803R305R4TEMA Datasheet(PDF) 3 Page - International Rectifier

Part # M3G2803R305R4TEMA
Description  HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G2803R305R4TEMA Datasheet(HTML) 3 Page - International Rectifier

  M3G2803R305R4TEMA Datasheet HTML 1Page - International Rectifier M3G2803R305R4TEMA Datasheet HTML 2Page - International Rectifier M3G2803R305R4TEMA Datasheet HTML 3Page - International Rectifier M3G2803R305R4TEMA Datasheet HTML 4Page - International Rectifier M3G2803R305R4TEMA Datasheet HTML 5Page - International Rectifier M3G2803R305R4TEMA Datasheet HTML 6Page - International Rectifier M3G2803R305R4TEMA Datasheet HTML 7Page - International Rectifier M3G2803R305R4TEMA Datasheet HTML 8Page - International Rectifier M3G2803R305R4TEMA Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.irf.com
3
M3G2803R305R4T
1
Meets derating per MIL-STD-975
2
For operation at +125°C see table note 14
For Notes to Specifications, refer to page 5
Input voltage range
-0.5Vdc to +80Vdc
Input voltage range
18Vdc to +60Vdc
Output power
Internally limited
Input voltage range
1
18Vdc to +50Vdc
Lead temperature
+300°C for 10 seconds
Output power
0 to Max. Rated
Operating temperature
-55°C to +135°C
Operating temperature
2
-55°C to +125°C
Storage temperature
-55°C to +135°C
Operating temperature
1
-55°C to +70°C
Recommended Operating Conditions
Absolute Maximum Ratings
Electrical Performance Characteristics
Conditions
-55°C
≤ TC ≤ +85°C
Group A
VIN = 28V DC ± 5%, CL = 0
Parameter
Subgroup
unless otherwiese specified
Min.
Nom. Max.
Unit
Input Voltage
1,2,3
Note 2
18
28
50
V
IOUT = 100% Rated Load, Note 5
1
(main)
3.25
3.30
3.35
(aux.) ±5.08
±5.40
±5.72
V
2,3
(main)
3.20
3.40
(aux.) ±5.02
±5.78
Output Power ( POUT )
1,2,3
VIN = 18, 28, 50 Volts, Note 2
0
33.2
W
VIN = 18, 28, 50 Volts, Notes 2,3,4,5
Output Current ( IOUT )
1,2,3
(main)
530
5300
(aux.)
162
±1620
VIN = 18, 28, 50 Volts
Line Regulation ( VRLINE )
1,2,3
IOUT = 10, 50, 100% Rated Load, Note 5
(main)
-10
10
(aux.)
-120
120
VIN = 18, 28, 50 Volts
Load Regulation ( VRLOAD )
1,2,3
IOUT = 10, 50, 100% Rated Load, Notes 5,13
(main)
-50
50
(aux.)
-250
250
VIN = 18, 28, 50 Volts
Cross Regulation ( VRCROSS )
1,2,3
IOUT = 2.5A to 1.0A and 2.5 to 4.0A
-6.0
6.0
%
on main and ±half rated on aux. outputs
IOUT = 0, Pin 3 open
80
Pin 3 shorted to Pin 2
5.0
VIN = 18, 28, 50 Volts
Output Ripple ( VRIP )
1,2,3
IOUT = 10, 50, 100% Rated Load, Notes 5, 6
(main)
20
30
(aux.)
30
60
Output Voltage ( VOUT )
mVP-P
Input Current ( IIN )
1,2,3
Limits
mA
mA
mV
mV


Similar Part No. - M3G2803R305R4TEMA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3G2803R305R4T IRF-M3G2803R305R4T Datasheet
149Kb / 9P
   28V Input, Triple Output
M3G2803R305R4T IRF-M3G2803R305R4T_15 Datasheet
149Kb / 9P
   28V Input, Triple Output
More results

Similar Description - M3G2803R305R4TEMA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
M3H280515T INFINEON-M3H280515T Datasheet
289Kb / 9P
   HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
2016-04-19
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART2800T IRF-ART2800T Datasheet
231Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com