Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3G280512T Datasheet(PDF) 3 Page - International Rectifier

Part # M3G280512T
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G280512T Datasheet(HTML) 3 Page - International Rectifier

  M3G280512T Datasheet HTML 1Page - International Rectifier M3G280512T Datasheet HTML 2Page - International Rectifier M3G280512T Datasheet HTML 3Page - International Rectifier M3G280512T Datasheet HTML 4Page - International Rectifier M3G280512T Datasheet HTML 5Page - International Rectifier M3G280512T Datasheet HTML 6Page - International Rectifier M3G280512T Datasheet HTML 7Page - International Rectifier M3G280512T Datasheet HTML 8Page - International Rectifier M3G280512T Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.irf.com
3
M3G-SERIES
(28V Input, TripleOutput)
1
Meets derating per MIL-STD-975
2
For operation at +125°C see table note 14
Electrical Performance Characteristics
For Notes to Specifications, refer to page 5
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Input Voltage
1,2,3
Note 2
18
28
50
V
Output Voltage ( Vout )
(main)
M3G280512T (aux.)
M3G280515T (aux.)
(main)
M3G280512T (aux.)
M3G280515T (aux.)
1
2,3
IOUT = 100% rated load, Note 5
4.98
±11.50
±14.60
4.93
±11.30
±14.40
5.00
±11.80
±14.90
5.02
±12.10
±15.20
5.07
±12.30
±15.40
V
Output power ( POUT )
1,2,3
VIN = 18, 28, 50 Volts, Note 2
0
40
W
Output current ( IOUT )
(main)
M3G280512T (aux.)
M3G280515T (aux.)
1,2,3
VIN = 18, 28, 50 Volts, Notes 2,3,4,5
400
83
67
4000
±833
±667
mA
Line regulation ( VRLINE )
(main)
M3G280512T (aux.)
M3G280515T (aux.)
1,2,3
VIN = 18, 28, 50 Volts
IOUT = 10, 50%, 100% rated
Note 5
-10
-120
-150
10
120
150
mV
Load regulation ( VRLOAD )
(main)
M3G280512T (aux.)
M3G280515T (aux.)
1,2,3
IOUT = 10%, 50%, 100% rated
VIN = 18, 28, 50 Volts
Notes 5,13
-50
-400
-500
50
400
500
mV
Cross regulation ( VRCROSS )
(main)
M3G280512T ( aux.)
M3G280515T (aux.)
1,2,3
VIN = 18, 28, 50 Volts
IOUT = 2.5A to 1A and 2.5 to 4A on main
and ±half rated on aux. outputs
-3.5
-3.0
3.5
3.0
%
IOUT = 0, Pin 3 open
80
Input current ( IIN )
1,2,3
Pin 3 shorted to pin 2
5.0
mA
Specifications
Input voltage range
-0.5Vdc to +80Vdc
Input voltage range
+18Vdc to +60Vdc
Output power
Internally limited
Input voltage range1
+18Vdc to +50Vdc
Lead temperature
+300°C for 10 seconds
Output power
0 to Max. Rated
Operating temperature
-55°C to +135°C
Operating temperature 2
-55°C to +125°C
Storage temperature
-55°C to +135°C
Operating temperature 1
-55°C to +70°C
Recommended Operating Conditions
Absolute Maximum Ratings


Similar Part No. - M3G280512T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3G2805R2D IRF-M3G2805R2D Datasheet
195Kb / 15P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G2805R2DCKA IRF-M3G2805R2DCKA Datasheet
195Kb / 15P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G2805R2DCKC IRF-M3G2805R2DCKC Datasheet
195Kb / 15P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G2805R2DEMA IRF-M3G2805R2DEMA Datasheet
195Kb / 15P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G2805R2DEMC IRF-M3G2805R2DEMC Datasheet
195Kb / 15P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - M3G280512T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com