Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3G5003R305TEMC Datasheet(PDF) 2 Page - International Rectifier

Part # M3G5003R305TEMC
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G5003R305TEMC Datasheet(HTML) 2 Page - International Rectifier

  M3G5003R305TEMC Datasheet HTML 1Page - International Rectifier M3G5003R305TEMC Datasheet HTML 2Page - International Rectifier M3G5003R305TEMC Datasheet HTML 3Page - International Rectifier M3G5003R305TEMC Datasheet HTML 4Page - International Rectifier M3G5003R305TEMC Datasheet HTML 5Page - International Rectifier M3G5003R305TEMC Datasheet HTML 6Page - International Rectifier M3G5003R305TEMC Datasheet HTML 7Page - International Rectifier M3G5003R305TEMC Datasheet HTML 8Page - International Rectifier M3G5003R305TEMC Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.irf.com
M3G-SERIES
(50V Input, Triple Output)
Circuit Description
Output current is limited under any load fault condition
to approximately 125% of rated. An overload condition
causes the converter output to behave like a constant
current source with the output voltage dropping below
nominal. The converter will resume normal operation
when the load current is reduced below the current
limit point. This protects the converter from both
overload and short circuit conditions. The current limit
point exhibits a slightly negative temperature
coefficient to reduce the possibility of thermal runaway.
An under-voltage lockout circuit prohibits the
converter from operating when the line voltage is
too low to maintain the output voltage. The converter
will not start until the line voltage rises to approximately
36 volts and will shut down when the input voltage
drops below 34 volts. This two volts of hysteresis
reduces the possibility of line noise interfering with
the converter’s start-up and shut down.
An external inhibit port is provided to control converter
operation. The nominal threshold relative to the input
return (pin 2) is 1.4V. If 2.0 volts or greater are applied
to the Inhibit pin (pin 3) then the converter will
operate normally. A voltage of 0.8V or less will cause
the converter to shut-down. The pin may be left
open for normal operation and has a nominal open
circuit voltage of 4.0V.
Design Methodology
Synchronization input and output allow multiple
converters to operate at a common switching fre-
quency. Converters can be synchronized to one
another or to an externally provided clock. This can
be used to eliminate beat frequency noise or to avoid
creating noise at certain frequencies for sensitive
systems.
An internal EMI filter reduces the conducted emissions
to less than 5mA rms on the input power leads. A two
stage output filter reduces the typical output ripple to
less than 20mV peak-to-peak.
The main (+5 volt) output is regulated by the control
loop and typically exhibits better than 1% regulation.
The auxiliary (±12 volt or ±15 volt) outputs are
maintained through tight coupling in the power
transformer and main output filter inductor and
typically exhibit better than 5% regulation. The main
output and auxiliary outputs are isolated from each
other.
The M3G-Series was developed using a proven
conservative design methodology which includes
selecting radiation tolerant and established reliability
components and fully derating to the requirements
of MIL-STD-975 and MIL-STD-1547 except for the
CDR type ceramic capacitors, a capacitor with 50V
rating is used for in-circuit voltage stress of less than
10V. Careful sizing of decoupling capacitors and
current limiting resistors minimizes the possibility of
photo-current burn-out. Heavy derating of the
radiation hardened power MOSFET virtually
eliminates the possibility of SEGR and SEB. A
magnetic feedback circuit is utilized instead of opto-
couplers to minimize temperature, radiation and
aging sensitivity. PSPICE and RadSPICE were used
extensively to predict and optimize circuit
performance for both beginning and end-of-life.
Thorough design analyses include Radiation
Susceptibility (TREE ), Worst Case, Stress, Thermal,
Failure Modes and Effects (FMEA) and Reliability
(MTBF).
The M3G-Series converters utilize a single-ended
forward topology with resonant reset. The nominal
switching frequency is 500kHz. Electrical isolation
and tight output regulation are achieved through the
use of a magnetically coupled feedback. Voltage
feed-forward with duty factor limiting provides high
line rejection and protection against output over
voltage in the event of an internal control loop failure.
This mechanism limits the maximum output voltage
to approximately 20% over the nominal regardless of
the line voltage.


Similar Part No. - M3G5003R305TEMC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3G5003R3D IRF-M3G5003R3D Datasheet
182Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3DCKA IRF-M3G5003R3DCKA Datasheet
182Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3DCKC IRF-M3G5003R3DCKC Datasheet
182Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3DEMA IRF-M3G5003R3DEMA Datasheet
182Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3DEMC IRF-M3G5003R3DEMC Datasheet
182Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - M3G5003R305TEMC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com