Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3G7012D Datasheet(PDF) 8 Page - International Rectifier

Part # M3G7012D
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G7012D Datasheet(HTML) 8 Page - International Rectifier

Back Button M3G7012D Datasheet HTML 4Page - International Rectifier M3G7012D Datasheet HTML 5Page - International Rectifier M3G7012D Datasheet HTML 6Page - International Rectifier M3G7012D Datasheet HTML 7Page - International Rectifier M3G7012D Datasheet HTML 8Page - International Rectifier M3G7012D Datasheet HTML 9Page - International Rectifier M3G7012D Datasheet HTML 10Page - International Rectifier M3G7012D Datasheet HTML 11Page - International Rectifier M3G7012D Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
www.irf.com
M3G-SERIES
(70V Input, Single/Dual Output)
Ensure that flatness of the plate where M3G converter to be mounted is no greater than 0.003” per linear inch.
It is recommended that a thermally conductive gasket is used to promote the thermal transfer and to fill any
voids existing between the two surfaces. IR recommends Sil-Pad 2000 with the thickness of 0.010". The
shape of the gasket should match the footprint of the converter including the mounting flanges. The gasket
is available from IR. The M3G-series converter requires either M3 or 4-40 size screws for attachment
purposes.
The procedure for mounting the converter is as follows:
Application Notes:
A) Attachment of the Converter
The following procedure is recommended for mounting the converter for optimum cooling and to circumvent
any potential damage to the converter.
1.
Check all mounting surfaces and remove foreign material, burrs, if any or anything that may
interfere with the attachment of the converter.
2.
Place the gasket on the surface reserved for the converter and line it up with the mounting holes.
3.
Place the converter on the gasket and line both up with mounting holes.
4.
Install screws using appropriate washers and tighten by hand (~ 4 in·oz) in the sequence shown below.
5.
Tighten the screws with an appropriate torque driver. Torque the screws up to 6 in·lb in the sequence
shown above.


Similar Part No. - M3G7012D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3G7012D IRF-M3G7012D Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - M3G7012D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com