Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3G5003R3DEMA Datasheet(PDF) 10 Page - International Rectifier

Part # M3G5003R3DEMA
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G5003R3DEMA Datasheet(HTML) 10 Page - International Rectifier

Back Button M3G5003R3DEMA Datasheet HTML 5Page - International Rectifier M3G5003R3DEMA Datasheet HTML 6Page - International Rectifier M3G5003R3DEMA Datasheet HTML 7Page - International Rectifier M3G5003R3DEMA Datasheet HTML 8Page - International Rectifier M3G5003R3DEMA Datasheet HTML 9Page - International Rectifier M3G5003R3DEMA Datasheet HTML 10Page - International Rectifier M3G5003R3DEMA Datasheet HTML 11Page - International Rectifier M3G5003R3DEMA Datasheet HTML 12Page - International Rectifier M3G5003R3DEMA Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
www.irf.com
M3G-SERIES
(50V Input, Single/Dual Output)
For M3GXX03R3S:
Using the configuration of Fig 8 and where RADJ is in Ohms and 3.513
< VOUT < 3.630
Using the configuration of Fig 9 and where RADJ is in Ohms and 3.300
< VOUT < 3.513
For M3GXX05S:
Using the configuration of Fig 8 and where RADJ is in Ohms and 5.250
< VOUT < 5.500
Using the configuration of Fig 9 and where RADJ is in Ohms and 5.500
< VOUT < 5.250
For M3GXX15S:
Using the configuration of Fig 8 and where RADJ is in Ohms and 15.315
< VOUT < 16.500
Using the configuration of Fig 9 and where RADJ is in Ohms and 15.000
< VOUT < 15.315
For M3GXX12S:
Using the configuration of Fig 8 and where RADJ is in Ohms and 12.312
< VOUT < 13.200
Using the configuration of Fig 9 and where RADJ is in Ohms and 12.000
< VOUT < 12.312
513
.
3
495
=
OUT
ADJ
V
R
()
()
OUT
OUT
ADJ
V
V
R
=
513
.
3
300
.
3
150
25
.
5
750
=
OUT
ADJ
V
R
()
()
OU T
OUT
AD J
V
V
R
=
250
.
5
000
.
5
150
312
.
12
1800
=
OUT
ADJ
V
R
()
()
OUT
OUT
ADJ
V
V
R
=
312
.
12
000
.
12
150
315
.
15
2250
=
OUT
ADJ
V
R
()
()
OUT
OUT
ADJ
V
V
R
=
315
.
15
000
.
15
150


Similar Part No. - M3G5003R3DEMA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3G5003R305T IRF-M3G5003R305T Datasheet
157Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R305TCKA IRF-M3G5003R305TCKA Datasheet
157Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R305TCKC IRF-M3G5003R305TCKC Datasheet
157Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R305TEMA IRF-M3G5003R305TEMA Datasheet
157Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R305TEMC IRF-M3G5003R305TEMC Datasheet
157Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - M3G5003R3DEMA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com