Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-P768-A50 Datasheet(PDF) 7 Page - Vincotech

Part # V23990-P768-A50
Description  3~rectifier,BRC,Inverter, NTC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P768-A50 Datasheet(HTML) 7 Page - Vincotech

Back Button V23990-P768-A50 Datasheet HTML 3Page - Vincotech V23990-P768-A50 Datasheet HTML 4Page - Vincotech V23990-P768-A50 Datasheet HTML 5Page - Vincotech V23990-P768-A50 Datasheet HTML 6Page - Vincotech V23990-P768-A50 Datasheet HTML 7Page - Vincotech V23990-P768-A50 Datasheet HTML 8Page - Vincotech V23990-P768-A50 Datasheet HTML 9Page - Vincotech V23990-P768-A50 Datasheet HTML 10Page - Vincotech V23990-P768-A50 Datasheet HTML 11Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
V23990-P768-A50-PM
Figure 1
Output inverter IGBT
Figure 2
Output inverter IGBT
Typical output characteristics
IC = f(VCE)
IC = f(VCE)
At
At
tp =
250
µs
tp =
250
µs
Tj =
25
°C
Tj =
150
°C
VGE from
7 V to 17 V in steps of 1 V
VGE from
7 V to 17 V in steps of 1 V
Figure 3
Output inverter IGBT
Figure 4
Output inverter FWD
Typical transfer characteristics
Typical diode forward current as
IC = f(VGE)
a function of forward voltage
IF = f(VF)
At
At
Tj =
25/150
°C
tp =
250
µs
tp =
250
µs
VCE =
10
V
Output Inverter
Typical output characteristics
0
25
50
75
100
125
150
0
1
2
3
4
5
V CE (V)
0
10
20
30
40
50
0
2
4
6
8
10
12
14
V GE (V)
0
25
50
75
100
125
150
0
0,5
1
1,5
2
2,5
3
V F (V)
0
25
50
75
100
125
150
0
1
2
3
4
5
V CE (V)
copyright Vincotech
7
Revision: 1


Similar Part No. - V23990-P768-A50

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P768-A50-D1-19 VINCOTECH-V23990-P768-A50-D1-19 Datasheet
57Kb / 3P
   Output Inverter Application
V23990-P768-A50-PM VINCOTECH-V23990-P768-A50-PM Datasheet
57Kb / 3P
   Output Inverter Application
More results

Similar Description - V23990-P768-A50

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P765-A-D3-14 VINCOTECH-V23990-P765-A-D3-14 Datasheet
517Kb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P769-A-D5-14 VINCOTECH-V23990-P769-A-D5-14 Datasheet
1Mb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P760-A60-PM VINCOTECH-V23990-P760-A60-PM Datasheet
1Mb / 16P
   3~rectifier,BRC,Inverter, NTC
V23990-P767-A-D3-14 VINCOTECH-V23990-P767-A-D3-14 Datasheet
527Kb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P763-A-D4-14 VINCOTECH-V23990-P763-A-D4-14 Datasheet
1Mb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P764-A-D4-14 VINCOTECH-V23990-P764-A-D4-14 Datasheet
1Mb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P768-A60-D2-14 VINCOTECH-V23990-P768-A60-D2-14 Datasheet
1Mb / 29P
   3~rectifier,BRC,Inverter, NTC
V23990-P768-A-D5-14 VINCOTECH-V23990-P768-A-D5-14 Datasheet
1Mb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P763-A-D3-14 VINCOTECH-V23990-P763-A-D3-14 Datasheet
515Kb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P769-A-P1-14 VINCOTECH-V23990-P769-A-P1-14 Datasheet
508Kb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P764-A-D3-14 VINCOTECH-V23990-P764-A-D3-14 Datasheet
510Kb / 24P
   3~rectifier,BRC,Inverter, NTC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com