Electronic Components Datasheet Search |
|
V23990-P768-A50 Datasheet(PDF) 5 Page - Vincotech |
|
V23990-P768-A50 Datasheet(HTML) 5 Page - Vincotech |
5 / 29 page V23990-P768-A50-PM Parameter Symbol Unit VGE [V] or VGS [V] Vr [V] or VCE [V] or VDS [V] IC [A] or IF [A] or ID [A] Tj Min Typ Max Conditions Characteristic Values Value Tj=25°C 5 5,8 6,5 Tj=150°C Tj=25°C 1,5 1,92 2,3 Tj=150°C 2,37 Tj=25°C 250 Tj=150°C Tj=25°C 120 Tj=150°C none Tj=25°C 82,8 Tj=150°C 89 Tj=25°C 27 Tj=150°C 27 Tj=25°C 191,4 Tj=150°C 269 Tj=25°C 54,3 Tj=150°C 124,9 Tj=25°C 2 Tj=150°C 2,92 Tj=25°C 1,74 Tj=150°C 3,18 Thermal resistance chip to heatsink per chip RthJH 0,69 Thermal resistance chip to case per chip RthJC 0,46 Tj=25°C 1,2 1,80 2,2 Tj=150°C 1,76 Thermal resistance chip to heatsink per chip RthJH 1,38 Thermal resistance chip to case per chip RthJC 0,91 Tj=25°C 1 2,24 2,9 Tj=150°C 2,36 Tj=25°C 60 Tj=150°C Tj=25°C 30,8 Tj=150°C 39,2 Tj=25°C 146,4 Tj=150°C 423,1 Tj=25°C 2,32 Tj=150°C 4,84 di(rec)max Tj=25°C 1749 /dt Tj=150°C 917 Tj=25°C 0,91 Tj=150°C 1,98 Thermal resistance chip to heatsink per chip RthJH 1,32 Thermal resistance chip to case per chip RthJC 0,87 960 160 155 25 35 0,0012 600 Rgon=16 1200 1200 600 25 35 ±15 20 Brake Diode Diode forward voltage Reverse leakage current Ir VF IRRM Rgon=16 Peak reverse recovery current Reverse recovery energy trr Qrr Erec Reverse recovery time Reverse recovered charge Peak rate of fall of recovery current Phase-Change Material Phase-Change Material 15 10 0 35 ±15 15 0 35 115 0 Phase-Change Material IGES 1950 ns pF mWs nA Rgon=16 Rgoff=16 f=1MHz Cies Eon Rgint VCE=VGE Coss Reverse transfer capacitance Output capacitance VF Crss Diode forward voltage Brake Inverse Diode Gate charge td(on) tr td(off) Eoff QGate Turn-on energy loss per pulse Turn-off energy loss per pulse tf Fall time Integrated Gate resistor Turn-off delay time Collector-emitter saturation voltage Rise time Turn-on delay time Input capacitance Gate-emitter leakage current VGE(th) Brake Transistor Gate emitter threshold voltage ICES Collector-emitter cut-off incl diode VCE(sat) Tj=25°C Tj=25°C V µA K/W mWs nC V V V A K/W ns A/µs µC K/W µA copyright Vincotech 5 Revision: 1 |
Similar Part No. - V23990-P768-A50 |
|
Similar Description - V23990-P768-A50 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |