Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-P764-A-PM Datasheet(PDF) 5 Page - Vincotech

Part # V23990-P764-A-PM
Description  3~rectifier,BRC,Inverter, NTC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P764-A-PM Datasheet(HTML) 5 Page - Vincotech

  V23990-P764-A-PM Datasheet HTML 1Page - Vincotech V23990-P764-A-PM Datasheet HTML 2Page - Vincotech V23990-P764-A-PM Datasheet HTML 3Page - Vincotech V23990-P764-A-PM Datasheet HTML 4Page - Vincotech V23990-P764-A-PM Datasheet HTML 5Page - Vincotech V23990-P764-A-PM Datasheet HTML 6Page - Vincotech V23990-P764-A-PM Datasheet HTML 7Page - Vincotech V23990-P764-A-PM Datasheet HTML 8Page - Vincotech V23990-P764-A-PM Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
V23990-P764-A-PM
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V] or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Conditions
Characteristic Values
Value
Tj=25°C
5
5,8
6,5
Tj=150°C
Tj=25°C
1,58
2,1
Tj=150°C
1,82
Tj=25°C
0,5
Tj=150°C
Tj=25°C
700
Tj=150°C
Tj=25°C
100
Tj=150°C
102
Tj=25°C
14
Tj=150°C
18,6
Tj=25°C
158
Tj=150°C
185
Tj=25°C
108
Tj=150°C
125
Tj=25°C
0,43
Tj=150°C
0,63
Tj=25°C
1,42
Tj=150°C
1,97
Thermal resistance chip to heatsink per chip
RthJH
0,8
Thermal resistance chip to case per chip
RthJC
0,53
Tj=25°C
1,2
1,78
2,1
Tj=150°C
1,77
Thermal resistance chip to heatsink per chip
RthJH
1,81
K/W
Thermal resistance chip to case per chip
RthJC
1,19
K/W
Tj=25°C
1,65
2,1
Tj=150°C
1,56
Tj=25°C
140
Tj=150°C
Tj=25°C
40
Tj=150°C
47
Tj=25°C
22
Tj=150°C
141
Tj=25°C
1
Tj=150°C
2,37
di(rec)max
Tj=25°C
6000
/dt
Tj=150°C
3416
Tj=25°C
0,35
Tj=150°C
0,58
Thermal resistance chip to heatsink per chip
RthJH
1,85
Thermal resistance chip to case per chip
RthJC
1,22
20,9
22
23,1
90
Tj=25°C
Tj=25°C
Tc=100°C
Tj=25°C
480
20
10
600
300
300
25
50
300
50
±15
Rgon=8
±15
50
Thermal grease
thickness≤50µm
λ = 0,61 W/m·K
Thermistor
Brake FWD
IRRM
±15
Diode forward voltage
Reverse leakage current
0
f=1MHz
mA
nA
mWs
VCE=VGE
15
0
Rgon=8
Rgoff=8
Brake IGBT
Thermal grease
thickness≤50µm
λ = 0,61 W/m·K
Thermal grease
thickness≤50µm
λ = 0,61 W/m·K
Rated resistance
R25
k
Tol. ±5%
Deviation of R100
DR/R
R100=1486.1
%/K
B-value
B(25/100)
K
Power dissipation given Epcos-Typ
P
mW
Tol. ±3%
±15
20
mWs
µC
V
µA
ns
A/µs
A
Gate emitter threshold voltage
VGE(th)
VCE(sat)
Fall time
ICES
IGES
Collector-emitter cut-off incl diode
Gate-emitter leakage current
Turn-on delay time
Rgint
td(on)
Integrated Gate resistor
V
310
K/W
nC
Reverse recovery energy
VF
Ir
trr
Qrr
Erec
Reverse recovery time
Peak rate of fall of recovery current
Peak reverse recovery current
Reverse recovered charge
0
Diode forward voltage
VF
Reverse transfer capacitance
QGate
Brake Inverse Diode
tr
Gate charge
Collector-emitter saturation voltage
Input capacitance
Output capacitance
Crss
Cies
Coss
Turn-off energy loss per pulse
Eoff
Turn-on energy loss per pulse
Rise time
Turn-off delay time
td(off)
tf
Eon
50
0,0008
Tj=25°C
Tj=25°C
50
2,9
200
3140
210
4000
K/W
pF
ns
V
V
none
copyright Vincotech
5
Revision: 3


Similar Part No. - V23990-P764-A-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P764-A-PM VINCOTECH-V23990-P764-A-PM Datasheet
61Kb / 3P
   Output Inverter Application
More results

Similar Description - V23990-P764-A-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P765-A-D3-14 VINCOTECH-V23990-P765-A-D3-14 Datasheet
517Kb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P769-A-D5-14 VINCOTECH-V23990-P769-A-D5-14 Datasheet
1Mb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P760-A60-PM VINCOTECH-V23990-P760-A60-PM Datasheet
1Mb / 16P
   3~rectifier,BRC,Inverter, NTC
V23990-P767-A-D3-14 VINCOTECH-V23990-P767-A-D3-14 Datasheet
527Kb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P763-A-D4-14 VINCOTECH-V23990-P763-A-D4-14 Datasheet
1Mb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P764-A-D4-14 VINCOTECH-V23990-P764-A-D4-14 Datasheet
1Mb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P768-A60-D2-14 VINCOTECH-V23990-P768-A60-D2-14 Datasheet
1Mb / 29P
   3~rectifier,BRC,Inverter, NTC
V23990-P768-A-D5-14 VINCOTECH-V23990-P768-A-D5-14 Datasheet
1Mb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P763-A-D3-14 VINCOTECH-V23990-P763-A-D3-14 Datasheet
515Kb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P769-A-P1-14 VINCOTECH-V23990-P769-A-P1-14 Datasheet
508Kb / 24P
   3~rectifier,BRC,Inverter, NTC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com