Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRUH330125BP Datasheet(PDF) 2 Page - International Rectifier

Part # IRUH330125BP
Description  Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRUH330125BP Datasheet(HTML) 2 Page - International Rectifier

  IRUH330125BP Datasheet HTML 1Page - International Rectifier IRUH330125BP Datasheet HTML 2Page - International Rectifier IRUH330125BP Datasheet HTML 3Page - International Rectifier IRUH330125BP Datasheet HTML 4Page - International Rectifier IRUH330125BP Datasheet HTML 5Page - International Rectifier IRUH330125BP Datasheet HTML 6Page - International Rectifier IRUH330125BP Datasheet HTML 7Page - International Rectifier IRUH330125BP Datasheet HTML 8Page - International Rectifier IRUH330125BP Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.irf.com
IRUH330125BK
IRUH330125BP
Notes:
 Connected as shown in Fig.1 and measured at the junction of V
OUT and VSENSE Pins.
‚ Under normal closed-loop operation. Guaranteed by design. Not tested in production.
Electrical Characteristics c
Pre-Radiation @TC = 25°C, VIN = 3.3V (Unless Otherwise Specified)
Parameter
Test Conditions
Symbol
Min. Typ. Max. Units
2.97V
≤ VIN ≤ 3.8V, 50mA ≤ IOUT ≤ 3.0A
2.463
2.5
2.538
2.97V
≤ VIN ≤ 3.8V, 50mA ≤ IOUT ≤ 3.0A,
Output Voltage
c
-55°C to +125°C
VOUT
V
2.97V
≤ VIN ≤ 3.8V, 50mA ≤ IOUT ≤ 3.0A,
Post -Rad
IO = 3.0A, VOUT = 2.5V, -55°C to +125°C,
Post -Rad
Over-Current Latching, -55°C to +125°C,
Post -Rad
Over-Current Time-to-Latch
IO > ILATCH
tLATCH
-
10
-
ms
Maximum Shutdown Temp.
d
TLATCH
125
140
-
°C
F= 120Hz, IO = 50mA, -55°C to +125°C
65
-
-
F= 120Hz, IO = 50mA, Post -Rad
40
-
-
VSENSE Pin Current d
-55°C to +125°C
ISENSE
-1.6
-mA
Minimum SHDN Pin "On"
ISOURCE = 200µA, -55°C to +125°C
Threshold Voltage
Post -Rad
Maximum SHDN Pin "Off"
ISOURCE = 200µA, -55°C to +125°C
Threshold Voltage
Post -Rad
RLOAD = 36 Ohms, VSHDN = 3.3V
-55°C to +125°C, Post-Rad
SHDN Pin Leakage Current
d VSHDN = 3.3V, -55°C to +125°C,Post-Rad
ISHDN
-10
-
10
µA
VSHDN = 0.4V
-98
-
-56
SHDN Pin Pull-Up Current
d
VSHDN = 0.4V, -55°C to +125°C
ISHDN
-140
-
-30
µA
VSHDN = 0.4V, Post-Rad
-98
-
-56
Power On Reset Threshold
d Sweep VIN and Measure Output
VT-POR
-1.7
-V
No Load
-
-
15
Full Load
-
-
90
V
Output Voltage at Shutdown
VOUT
-0.1
-
0.1
V
VSHDN
1.2
-
-
V
VSHDN
--
0.8
Current Limit
Ripple Rejection
d
PSRR
dB
ILATCH
3.5
-
-
IQ
mA
Quiescent Current
d
2.425
2.5
2.575
2.412
2.5
2.550
A
V
Dropout Voltage
c
VDROP
0.4
-
-


Similar Part No. - IRUH330125BP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH330125BPA IRF-IRUH330125BPA Datasheet
184Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH330125BPA IRF-IRUH330125BPA Datasheet
184Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH330125BPA IRF-IRUH330125BPA Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330125BPA IRF-IRUH330125BPA Datasheet
169Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330125BPB IRF-IRUH330125BPB Datasheet
184Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
More results

Similar Description - IRUH330125BP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH330118AK IRF-IRUH330118AK_12 Datasheet
167Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330118BK IRF-IRUH330118BK Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330133BK IRF-IRUH330133BK Datasheet
169Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH3301A2BK IRF-IRUH3301A2BK Datasheet
184Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH3301A1 IRF-IRUH3301A1 Datasheet
171Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH3301A1B IRF-IRUH3301A1B Datasheet
184Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH3301A2AK IRF-IRUH3301A2AK_12 Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH33P183A1M IRF-IRUH33P183A1M Datasheet
65Kb / 7P
   Ultra Low Dropout Positive Fixed Linear Regulator
IRUH50P253B1M IRF-IRUH50P253B1M Datasheet
63Kb / 7P
   Ultra Low Dropout Positive Fixed Linear Regulator
IRUH33P183B1M IRF-IRUH33P183B1M Datasheet
63Kb / 7P
   Ultra Low Dropout Positive Fixed Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com