Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRUH330133BKA Datasheet(PDF) 7 Page - International Rectifier

Part # IRUH330133BKA
Description  Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRUH330133BKA Datasheet(HTML) 7 Page - International Rectifier

  IRUH330133BKA Datasheet HTML 1Page - International Rectifier IRUH330133BKA Datasheet HTML 2Page - International Rectifier IRUH330133BKA Datasheet HTML 3Page - International Rectifier IRUH330133BKA Datasheet HTML 4Page - International Rectifier IRUH330133BKA Datasheet HTML 5Page - International Rectifier IRUH330133BKA Datasheet HTML 6Page - International Rectifier IRUH330133BKA Datasheet HTML 7Page - International Rectifier IRUH330133BKA Datasheet HTML 8Page - International Rectifier IRUH330133BKA Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.irf.com
7
IRUH3301A1BK
IRUH3301A1BP
VOut
-0.500%
-0.250%
0.000%
0.250%
0.500%
1
10
100
1000
10000
100000
Total Dose (Rad (Si))
ELDRS
TID
Fig. 5. Change in Output Voltage vs. Total Ionizing Dose Radiation Exposure at Both High and Low Dose Rates
Fig. 6. Typical Power Supply Ripple Rejection at 100mA and 1.6A using recommended layout
and capacitors. Results above 10KHz are influenced by testing setup and layout.
PSRR (Typical)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Freq (KHz)
Iout=100mA & 1.6A, 2.5Vout, 3.5Vin
Recomended Setup without Part
Iout=100mA & 1.6A, 1.8Vout, 3.5Vin
Iout=100mA & 1.6A, 0.8Vout, 3.5Vin


Similar Part No. - IRUH330133BKA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH330133BKA IRF-IRUH330133BKA Datasheet
184Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH330133BKA IRF-IRUH330133BKA Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330133BKA IRF-IRUH330133BKA Datasheet
169Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
More results

Similar Description - IRUH330133BKA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH3301A2BK IRF-IRUH3301A2BK Datasheet
184Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH3301A1 IRF-IRUH3301A1 Datasheet
171Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH3301A2AK IRF-IRUH3301A2AK_12 Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH330125BK IRF-IRUH330125BK Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330118AK IRF-IRUH330118AK_12 Datasheet
167Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330118BK IRF-IRUH330118BK Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330133BK IRF-IRUH330133BK Datasheet
169Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH33PA13B20 IRF-IRUH33PA13B20 Datasheet
108Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH50PA23B1M IRF-IRUH50PA23B1M Datasheet
108Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH50PA23A1M IRF-IRUH50PA23A1M Datasheet
107Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com