Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1422VW12 Datasheet(PDF) 3 Page - Hammond Manufacturing Ltd.

Part # 1422VW12
Description  ARMOIRE MURALE A 2 PORTES EN ACIER DOUX DE TYPE 12
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1422VW12 Datasheet(HTML) 3 Page - Hammond Manufacturing Ltd.

  1422VW12 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1422VW12 Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1422VW12 Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1422UV 12
36.00
42.00
12.00
14
12
33.00
39.00
1.50
34.25
20.13
11.96
134
1422UW12
36.00
48.00
12.00
14
12
33.00
45.00
1.50
34.25
23.13
11.96
230
1422UX12
36.00
60.00
12.00
14
12
33.00
57.00
1.50
34.25
29.13
11.96
181
1422V V 12
42.00
42.00
12.00
14
12
39.00
39.00
1.50
40.25
20.13
11.96
152
1422V W12
42.00
48.00
12.00
14
12
39.00
45.00
1.50
40.25
23.13
11.96
161
1422V X12
42.13
60.06
12.69
12
10
38.00
56.00
2.00
40.25
29.13
11.96
202
1422WW12
48.13
48.06
12.69
12
10
44.00
44.00
2.00
46.25
23.13
11.96
350
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.


Similar Part No. - 1422VW12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1422 VISHAY-1422 Datasheet
104Kb / 2P
   Bulk Metal® Foil Technology 16 Pin Transistor Outline Hermetic Resistor Network
Revision 08-Mar-05
logo
IET Labs Inc.
1422 IET-1422 Datasheet
273Kb / 2P
   Low-loss Variable Air Capacitors
August , 2019
logo
List of Unclassifed Man...
1422-3 ETC2-1422-3 Datasheet
485Kb / 1P
   MICRO PINS
logo
IET Labs Inc.
1422-9508 IET-1422-9508 Datasheet
273Kb / 2P
   Low-loss Variable Air Capacitors
August , 2019
1422-9704 IET-1422-9704 Datasheet
273Kb / 2P
   Low-loss Variable Air Capacitors
August , 2019
More results

Similar Description - 1422VW12

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
EN4TD HAMMOND-EN4TD Datasheet
151Kb / 3P
   Armoire murale a 2 portes en acier doux de type 12
1418 HAMMOND-1418 Datasheet
218Kb / 4P
   Armoire murale en acier doux de type 12
1418TDFS HAMMOND-1418TDFS Datasheet
116Kb / 3P
   Armoire autoportante a 2 portes en acier doux de type 12
1418J HAMMOND-1418J Datasheet
209Kb / 3P
   Armoire murale en acier doux de type 12
2UD HAMMOND-2UD Datasheet
153Kb / 3P
   Armoire murale pour coupe-circuit a 2 portes en acier doux de type 12
1422FM HAMMOND-1422FM Datasheet
159Kb / 3P
   Armoire de plancher a 2 portes en acier doux de type 12
N1A HAMMOND-N1A Datasheet
115Kb / 3P
   Armoire murale en acier doux de type 1
EN4SD HAMMOND-EN4SD Datasheet
273Kb / 6P
   Armoire murale en acier doux de type 4
1422MD HAMMOND-1422MD Datasheet
180Kb / 3P
   Armoire autoportante a plusieurs portes en acier doux de type 12
1418N4 HAMMOND-1418N4 Datasheet
180Kb / 3P
   Armoire murale en acier doux de type 4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com