Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSX50MD23 Datasheet(PDF) 1 Page - C&D Technologies

Part # VSX50MD23
Description  50 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

VSX50MD23 Datasheet(HTML) 1 Page - C&D Technologies

  VSX50MD23 Datasheet HTML 1Page - C&D Technologies VSX50MD23 Datasheet HTML 2Page - C&D Technologies VSX50MD23 Datasheet HTML 3Page - C&D Technologies VSX50MD23 Datasheet HTML 4Page - C&D Technologies VSX50MD23 Datasheet HTML 5Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
VSX50MD23
REV B
5/02
Product: www.cdpowerelectronics.com
50 Watt Dual Output Quarter Brick DC/DC Converter
2.5V & 3.3V Dual Output
2.3" x 1.5" x 0.5"
89% Efficiency
Low Output Noise
Input Filtering
Remote On/Off, Input Side
Output Voltage Trim, +10%/-8%
Fixed Frequency Operation
-40C° to +100C° Baseplate Temp.
Output Current Limit, Self-Start
1,500 Vdc Isolation, Input to Output
UL/CUL 1950, EN60 950
36 to 75 Vdc Input Models
Continuous Short Circuit Protection
Non-Latching Protection:
Input Undervoltage
Input Overvoltage
Output Overvoltage
Overtemperature
Output Voltage Tracking at Turn-on
and Turn-off
No Minimum Load Current
Corporate: www.cdtechno.com
Product: www.cdpowerelectronics.com
VSX50MD23
The VSX50 Series are 50 Watt, compact,
high-efficiency, high-density dual output
converters with a 36-75V input and
2.5Vdc and 3.3Vdc outputs. The industry
quarter-pack size of 2.3" x 1.5" x 0.5"
coupled with 89% efficiency is an
industry high-density breakthrough.
These converters utilize V Series high
density technology. This technology has
been featured in our highly efficient VKP
and VKA Series now successfully in use
worldwide. The very high 89%
efficiency minimizes the requirement for
heat-sinking and the low output ripple
minimizes the need for additional
filtering. For maximum flexibility, power
can be traded between outputs as
required. The VSX50 Series feature
virtually all of the options required by
design engineers but not at the
competition’s typical additional price
for each option. This multitude of
features are standard on the VSX50
Series.
VSX50
VSX50-U
APPLICATIONS
Distributed Power Architectures
Workstations
EDP Equipment
Telecommunications
OPTIONS
Choice of Remote On/Off Logic
Configuration
Heatsink Available for Extended
Operation
ADDITIONAL INFORMATION
See Application Note DCAN-41
at www.cdpowerelectronics.com
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Input Voltage:
VSX50MD23
Vi
100
Vdc
I/O Isolation Voltage
1500
Vdc
I/P to case
1500
Vdc
O/P to case
200
Vdc
Operating Case Temperature
T
-40
100
°C


Similar Part No. - VSX50MD23

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VSX-91TXH ETC1-VSX-91TXH Datasheet
3Mb / 88P
   AUDIO/VIDEO MULTI-CHANNEL RECEIVER
logo
C&D Technologies
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
   40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
VSX40MD23-1 CANDD-VSX40MD23-1 Datasheet
153Kb / 4P
   40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VSX40MD23-1C MURATA-PS-VSX40MD23-1C Datasheet
129Kb / 4P
   40 Watt Dual Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VSX40MD23-1U CANDD-VSX40MD23-1U Datasheet
153Kb / 4P
   40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
More results

Similar Description - VSX50MD23

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
   40 Watt Dual Output Quarter Brick DC/DC Converter
VSX75MD35C MURATA-PS-VSX75MD35C Datasheet
262Kb / 6P
   75 Watt Dual Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VSX60XD35 CANDD-VSX60XD35 Datasheet
158Kb / 4P
   60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
   40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
WPA60 CANDD-WPA60 Datasheet
179Kb / 4P
   60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
WPA60R48DC MURATA-PS-WPA60R48DC Datasheet
2Mb / 31P
   60 Watt Dual Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VSX75MD35 CANDD-VSX75MD35 Datasheet
658Kb / 5P
   75 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
Artesyn Technologies
ADQ500-48S12-6L ARTESYN-ADQ500-48S12-6L Datasheet
606Kb / 3P
   500 Watt Quarter Brick DC-DC Converter
AVQ200-36S12-6L ARTESYN-AVQ200-36S12-6L Datasheet
504Kb / 3P
   200 Watt Quarter Brick DC-DC Converter
logo
C&D Technologies
VKQ100MS3V3 CANDD-VKQ100MS3V3 Datasheet
404Kb / 5P
   100 WATT, 3.3VOUT, QUARTER BRICK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com