Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1421N Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1421N
Description  ECROU CLIPSABLE A TROU ROND 10-32, NOIR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1421N Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1421N Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No.
Qty Included
1421N25
25 clip nuts
1421N100
100 clip nuts
1421N250
250 clip nuts
1421N1000
1000 clip nuts
Écrou clipsable à trou rond 10-32, noir 1421N Series
Caractéristiques
Écrous clipsables 10-32 pour rails de panneau poinçonnés (trous
ronds)
Fini noir
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.
Des produits de qualité. L'excellence du service.


Similar Part No. - 1421N

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1421N4 HAMMOND-1421N4 Datasheet
61Kb / 1P
   ENSEMBLES DE QUINCAILLERIE DE TYPE 4
1421N4AA50 HAMMOND-1421N4AA50 Datasheet
61Kb / 1P
   ENSEMBLES DE QUINCAILLERIE DE TYPE 4
1421N4AB50 HAMMOND-1421N4AB50 Datasheet
61Kb / 1P
   ENSEMBLES DE QUINCAILLERIE DE TYPE 4
1421N4BA50 HAMMOND-1421N4BA50 Datasheet
61Kb / 1P
   ENSEMBLES DE QUINCAILLERIE DE TYPE 4
1421N4BB50 HAMMOND-1421N4BB50 Datasheet
61Kb / 1P
   ENSEMBLES DE QUINCAILLERIE DE TYPE 4
More results

Similar Description - 1421N

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1421NP HAMMOND-1421NP Datasheet
54Kb / 1P
   ECROU CLIPSABLE A TROU ROND 10-32, ZINGUE
1421CNA HAMMOND-1421CNA Datasheet
57Kb / 1P
   ECROU AL CAGE A TROU CARRE 10-32, ZINGUE
1421CNB HAMMOND-1421CNB Datasheet
72Kb / 1P
   ECROU A CAGE A TROU CARRE M6, EN NICKEL
1421CNC HAMMOND-1421CNC Datasheet
71Kb / 1P
   ECROU A CAGE A TROU CARRE 12-24, EN NICKEL
1421C HAMMOND-1421C Datasheet
51Kb / 1P
   ECROU A AILETTES 8-32
1421CND HAMMOND-1421CND Datasheet
53Kb / 1P
   ECROU A CAGE A TROU CARRE 1/4-20, EN NICKEL
142TS HAMMOND-142TS Datasheet
71Kb / 2P
   Vis a ailettes 10-32 a petite tete
1421AB HAMMOND-1421AB Datasheet
52Kb / 1P
   VIS A TETE FRAISEE 10-32 POUR BATI
logo
Pasternack Enterprises,...
PE9756 PASTERNACK-PE9756 Datasheet
253Kb / 2P
   10-32 Female to 10-32 Female Adapter
logo
3M Electronics
73084-0 3M-73084-0 Datasheet
126Kb / 2P
   Terminal Jacks, Male Threads 6-32, 8-32, 10-32, Female Threads 10-32
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com