Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCG1548D05 Datasheet(PDF) 2 Page - XP Power Limited

Part # JCG1548D05
Description  12/15 Watts JCG Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCG1548D05 Datasheet(HTML) 2 Page - XP Power Limited

  JCG1548D05 Datasheet HTML 1Page - XP Power Limited JCG1548D05 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
JCG12/15
Models and Ratings
Mechanical Details
Pin Connections
Pin
Single
Dual
1
Remote On/Off
Remote On/Off
2
-Vin
-Vin
3
-Vin
-Vin
9
No Pin
Common
11
Not Connected
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
Input Voltage
Output Voltage
Output Current
Input Current(1)
Max. Capacitive
Load
Efficiency
Model Number
No Load
Full Load
9-18 V
2.5 V
3.5 A
15 mA
0.89 A
2000 µF
85%
JCG1212S2V5
3.3 V
3.5 A
15 mA
1.15 A
2000 µF
87%
JCG1212S3V3
5.0 V
2.4 A
15 mA
1.16 A
2000 µF
89%
JCG1212S05
12.0 V
1.0 A
15 mA
1.15 A
430 µF
90%
JCG1212S12
15.0 V
0.8 A
15 mA
1.15 A
300 µF
90%
JCG1212S15
±12.0 V
±0.5 A
15 mA
1.15 A
±200 µF
90%
JCG1212D12
±15.0 V
±0.4 A
15 mA
1.14 A
±120 µF
91%
JCG1212D15
18-36 V
2.5 V
3.5 A
15 mA
0.45 A
2000 µF
85%
JCG1224S2V5
3.3 V
3.5 A
15 mA
0.57 A
2000 µF
87%
JCG1224S3V3
5.0 V
2.4 A
15 mA
0.58 A
2000 µF
89%
JCG1224S05
12.0 V
1.0 A
15 mA
0.58 A
430 µF
90%
JCG1224S12
15.0 V
0.8 A
15 mA
0.58 A
300 µF
90%
JCG1224S15
±12.0 V
±0.5 A
15 mA
0.58 A
±200 µF
90%
JCG1224D12
±15.0 V
±0.4 A
15 mA
0.56 A
±120 µF
91%
JCG1224D15
36-75 V
2.5 V
3.5 A
15 mA
0.23 A
2000 µF
84%
JCG1248S2V5
3.3 V
3.5 A
15 mA
0.28 A
2000 µF
88%
JCG1248S3V3
5.0 V
2.4 A
15 mA
0.29 A
2000 µF
89%
JCG1248S05
12.0 V
1.0 A
15 mA
0.29 A
430 µF
88%
JCG1248S12
15.0 V
0.8 A
15 mA
0.29 A
300 µF
89%
JCG1248S15
±12.0 V
±0.5 A
15 mA
0.29 A
±200 µF
88%
JCG1248D12
±15.0 V
±0.4 A
15 mA
0.29 A
±120 µF
89%
JCG1248D15
9-18 V
3.3 V
4.0 A
15 mA
1309 mA
4700 µF
86%
JCG1512S3V3
5.1 V
3.0 A
15 mA
1465 mA
3300 µF
89%
JCG1512S05
12.0 V
1.25 A
15 mA
1436 mA
600 µF
89%
JCG1512S12
15.0 V
1.0 A
15 mA
1420 mA
400 µF
90%
JCG1512S15
±5.0 V
±1.5 A
15 mA
1488 mA
±1500 µF
86%
JCG1512D05
±12.0 V
±0.625 A
15 mA
1420 mA
±288 µF
90%
JCG1512D12
±15.0 V
±0.5 A
15 mA
1420 mA
±200 µF
90%
JCG1512D15
18-36 V
3.3 V
4.0 A
10 mA
647 mA
4700 µF
87%
JCG1524S3V3
5.1 V
3.0 A
10 mA
732 mA
3300 µF
89%
JCG1524S05
12.0 V
1.25 A
10 mA
710 mA
600 µF
90%
JCG1524S12
15.0 V
1.0 A
10 mA
702 mA
400 µF
91%
JCG1524S15
±5.0 V
±1.5 A
10 mA
744 mA
±1500 µF
86%
JCG1524D05
±12.0 V
±0.625 A
10 mA
710 mA
±288 µF
90%
JCG1524D12
±15.0 V
±0.5 A
10 mA
710 mA
±200 µF
90%
JCG1524D15
36-75 V
3.3 V
4.0 A
5 mA
327 mA
4700 µF
86%
JCG1548S3V3
5.1 V
3.0 A
5 mA
370 mA
3300 µF
88%
JCG1548S05
12.0 V
1.25 A
5 mA
359 mA
600 µF
89%
JCG1548S12
15.0 V
1.0 A
5 mA
359 mA
400 µF
89%
JCG1548S15
±5.0 V
±1.5 A
5 mA
372 mA
±1500 µF
86%
JCG1548D05
±12.0 V
±0.625 A
5 mA
359 mA
±288 µF
89%
JCG1548D12
±15.0 V
±0.5 A
5 mA
355 mA
±200 µF
90%
JCG1548D15
Notes
1. Input current measured at nominal input voltage.
2. When one output is set to 100% load & the other varies between 25% & 100% load.
3. Measured with 1 µF ceramic capacitor across output rails.
1. All dimensions are in inches (mm)
2. Weight: 0.04 lbs (18 g) approx
3. Pin diameter: 0.02 ±0.002 (0.5 ±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Package: 24 pin DIL nickel-coated
copper
Notes
0.40 (10.16)
0.12 (3.05) Min.
Bottom View
1.25
(31.75)
0.90
(22.86)
0.80
(20.32)
0.60
(15.24)
DIA
0.02
(0.50)
0.08
(2.00)
0.10
(2.54)
0.20
(5.08)
2
13
22
16
14
23
9
11
Application Notes
Derating Curve
-40
-20
0
10
20
30
40
50
60
70
80
90
100
20
40
60
80
100
Ambient Temperature (ºC)
0
110
Input Filter
DC/DC
Converter
+Vin
+Vout
LOAD
100 µF
12 µH
+
-
-Vin
-Vout
Standard ROF logic is positive
Output On >3.0 VDC or open circuit
Output Off <1.2 VDC or short circuit pins 1, 2 & 3
Remote On/Off
11-Apr-12


Similar Part No. - JCG1548D05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCG1212D12 XPPOWER-JCG1212D12 Datasheet
91Kb / 2P
   DC-DC Power Supplies
JCG1212D15 XPPOWER-JCG1212D15 Datasheet
91Kb / 2P
   DC-DC Power Supplies
JCG1212S05 XPPOWER-JCG1212S05 Datasheet
91Kb / 2P
   DC-DC Power Supplies
JCG1212S12 XPPOWER-JCG1212S12 Datasheet
91Kb / 2P
   DC-DC Power Supplies
JCG1212S15 XPPOWER-JCG1212S15 Datasheet
91Kb / 2P
   DC-DC Power Supplies
More results

Similar Description - JCG1548D05

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
HPS10 ASTEC-HPS10 Datasheet
1Mb / 5P
   1000-6000 Watts HPS10/12/15 Series
logo
XP Power Limited
JTH15 XPPOWER-JTH15 Datasheet
120Kb / 2P
   15 Watts JTH Series
VCP15 XPPOWER-VCP15 Datasheet
136Kb / 2P
   15 Watts VCP Series
logo
Astec America, Inc
AK40A ASTEC-AK40A Datasheet
125Kb / 2P
   15 Watts
AEE04F18 ASTEC-AEE04F18 Datasheet
107Kb / 2P
   15 Watts
AK42A-024L-033D025SM ASTEC-AK42A-024L-033D025SM Datasheet
1Mb / 2P
   15 Watts
logo
XP Power Limited
JTF0824S3V3 XPPOWER-JTF0824S3V3 Datasheet
280Kb / 2P
   815 Watts JTF Series
JTK2048D15 XPPOWER-JTK2048D15 Datasheet
114Kb / 2P
   15/20 Watts JTK Series
logo
List of Unclassifed Man...
WU100 ETC-WU100 Datasheet
52Kb / 2P
   10/15 Watts WU Series
logo
TT Electronics.
PLO TTELEC-PLO Datasheet
374Kb / 2P
   3 watts to 15 watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com