Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2166DSPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRS2166DSPBF
Description  PFC BALLAST CONTROL IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2166DSPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRS2166DSPBF Datasheet HTML 6Page - International Rectifier IRS2166DSPBF Datasheet HTML 7Page - International Rectifier IRS2166DSPBF Datasheet HTML 8Page - International Rectifier IRS2166DSPBF Datasheet HTML 9Page - International Rectifier IRS2166DSPBF Datasheet HTML 10Page - International Rectifier IRS2166DSPBF Datasheet HTML 11Page - International Rectifier IRS2166DSPBF Datasheet HTML 12Page - International Rectifier IRS2166DSPBF Datasheet HTML 13Page - International Rectifier IRS2166DSPBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
IRS2166D(S)PbF
www.irf.com
Page 10
4
3
5uA
5
2
CPH
C
T
RPH
R
T
11
12
COM
LO
M2
RCS
OSC.
16
HO
M1
15
VS
R
T
C
CPH
C
T
Half-
Bridge
Output
I
LOAD
V
BUS(+)
V
BUS (-)
Load
Return
Half-
Bridge
Driver
IRS2166D
S4
R
PH
Fig. 3:
Preheat circuitry
gate of a p-channel MOSFET (S4) (see Fig. 4) that
connects pin RPH with pin RT. As pin CPH exceeds 10.8
V (VCPHEOP), the gate-to-source voltage of MOSFET S4
begins to fall below the turn-on threshold of S4. As pin
CPH continues to ramp towards V
CC, switch S4 turns off
slowly. This results in resistor RPH being disconnected
smoothly from resistor RT, which causes the operating
frequency to ramp smoothly from the preheat frequency,
through the ignition frequency, to the final run frequency.
The over-current threshold on pin CS will protect the
ballast against a non-strike or open-filament lamp fault
condition. The voltage on pin CS is defined by the lower
half-bridge MOSFET current flowing through the external
current sensing resistor RCS. The resistor RCS therefore
programs the maximum allowable peak ignition current
(and therefore peak ignition voltage) of the ballast output
stage. The peak ignition current must not exceed the
maximum allowable current ratings of the output stage
MOSFETs. Should this voltage exceed the internal
threshold of 1.20 V (VCSTH+), the internal fault counter
begins counting the number of of sequential over-current
faults (see timing diagram). If the number of over-current
faults exceeds 50 (nEVENTS), the IC will enter FAULT mode
and gate driver outputs HO, LO and PFC will be latched
low.
Run Mode (RUN)
Once the lamp has successfully ignited, the ballast enters
run mode. The run mode is defined as the state the IC is
in when the lamp arc is established and the lamp is being
driven to a given power level. The run mode oscillating
frequency is determined by the timing resistor RT and
timing capacitor CT (see Design Equations, page 15).
Should hard-switching occur at the half-bridge at any time
due to an open-filament or lamp removal, the voltage
across the current sensing resistor, RCS, will exceed the
internal threshold of 1.20 V (VCSTH+) and the fault counter
will begin counting (see timing diagram).
Should the
number of consecutive over-current faults exceed 50
(nEVENTS), the IC will enter fault mode and gate driver
outputs HO, LO and PFC will be latched low.
Fig.4:
Ignition circuitry
DC Bus Undervoltage Reset
Should the DC bus decrease too low during a brown-out
line condition or over-load condition, the resonant output
stage to the lamp can shift near or below resonance. This
can produce hard-switching at the half-bridge which can
damage the half-bridge switches or, the DC bus can
decrease too far and the lamp can extinguish. To protect
against this, the VBUS pin includes a 3.0 V undervoltage
threshold (VBUSUV). Should the voltage at the VBUS pin
decrease below 3.0 V, VCC will be discharged below the
VCCUV- threshold and all gate driver outputs will be latched
low.
For proper ballast design, the designer should design the
PFC section such that the DC bus does not drop until the
AC line input voltage falls below the rated input voltage of
the ballast (see PFC section). When correctly designed,
the voltage measured at the VBUS pin will decrease
below the internal 3.0 V threshold (VBUSUV) and the
ballast will turn off cleanly. The pull-up resistor to VCC
(RSUPPLY) will then turn the ballast on again when the AC
input line voltage increases to the minimum specified
value causing VCC to exceed VCCUV+.
RSUPPLY should be set to turn the ballast on at the
minimum specified ballast input voltage. The PFC should
then be designed such that the DC bus decreases at an
input line voltage that is lower than the minimum specified
ballast input voltage. This hysteresis will result in clean
turn-on and turn-off of the ballast.
SD/EOL and CS Fault Mode (FAULT)
Should the voltage at the SD/EOL pin exceed 3.0 V
(VEOLTH+) or decrease below 1.0 V (VEOLTH-) during run
mode, an end-of-life (EOL) fault condition has occurred
and the IC enters fault mode. LO, HO, and PFC gate
driver outputs are all latched off in the ‘low’ state. CPH is
discharged to COM for resetting the preheat time. To exit
fault mode, VCC can be decreased below VCCUV- (ballast
power off) or the SD pin can be increased above 5.0 V
(VSDTH+) (lamp removal). Either of these will force the IC
to enter UVLO mode (see State Diagram, page 7). Once
4
3
5uA
5
2
CPH
CT
RPH
RT
11
12
COM
LO
M2
R
CS
OSC
16
HO
M1
15
VS
C
CPH
C
T
Half-
Bridge
Output
I
LOAD
(+)
V
BUS (-)
Load
Return
Half-
Bridge
Driver
IRS2166D
1.3V
S
1
S
4
Comp 4
10
13
VCC
CS
R1
C
CS
S
3
Fault
Logic
V
BUS
R
T
R
PH


Similar Part No. - IRS2166DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
More results

Similar Description - IRS2166DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
   PFC & Ballast Control IC
logo
International Rectifier
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
   PFC & BALLAST CONTROL IC
IRP2166 IRF-IRP2166 Datasheet
616Kb / 32P
   PFC & BALLAST CONTROL IC
IR2166 IRF-IR2166 Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
IR2167 IRF-IR2167 Datasheet
937Kb / 30P
   PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D_15 Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
IR2167S IRF-IR2167S Datasheet
1Mb / 33P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com