Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

131-013 Datasheet(PDF) 7 Page - Altech corporation

Part # 131-013
Description  TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

131-013 Datasheet(HTML) 7 Page - Altech corporation

Back Button 131-013 Datasheet HTML 3Page - Altech corporation 131-013 Datasheet HTML 4Page - Altech corporation 131-013 Datasheet HTML 5Page - Altech corporation 131-013 Datasheet HTML 6Page - Altech corporation 131-013 Datasheet HTML 7Page - Altech corporation 131-013 Datasheet HTML 8Page - Altech corporation 131-013 Datasheet HTML 9Page - Altech corporation 131-013 Datasheet HTML 10Page - Altech corporation 131-013 Datasheet HTML 11Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
20
Smooth Sidewalls
Polystyrene
Polycarbonate
1
Ordering
Height
Cover
Std.
Cover
Std.
Information
mm (in)
Cat. No.
Type
Color
Pk.
Cat. No.
Type
Color
Pk.
Enclosure - low cover
66 mm (2.60 in)
110-404
PS 1111-7-o
gray
3
120-404
PC 1111-7-o
gray
3
Enclosure - high cover
90 mm (3.54 in)
110-904
PS 1111-9-o
gray
3
120-904
PC 1111-9-o
gray
3
Enclosure - low cover
66 mm (2.60 in)
111-004
PS 1111-7-to
trans.
3
130-004
PC 1111-7-to
trans.
3
Enclosure - high cover
90 mm (3.54 in)
111-504
PS 1111-9-to
trans.
3
130-504
PC 1111-9-to
trans.
3
Sidewalls with Metric Knockouts
Polystyrene
Polycarbonate
1
Ordering
Height
Cover
Std.
Cover
Std.
Information
mm (in)
Cat. No.
Type
Color
Pk.
Cat. No.
Type
Color
Pk.
Enclosure - low cover
66 mm (2.60 in)
105-404
PS 1111-7-m
gray
3
127-404
PC 1111-7-m
gray
3
Enclosure - high cover
90 mm (3.54 in)
105-904
PS 1111-9-m
gray
3
127-904
PC 1111-9-m
gray
3
Enclosure - low cover
66 mm (2.60 in)
106-004
PS 1111-7-tm
trans.
3
137-004
PC 1111-7-tm
trans.
3
Enclosure - high cover
90 mm (3.54 in)
106-504
PS 1111-9-tm
trans.
3
137-504
PC 1111-9-tm
trans.
3
Accessories
Ordering
Std.
Information
Cat. No.
Type
Pk.
Mounting Plate
195-004
MP1111
1
DIN Rail TS35-81mm
198-081
TS 35/81
1
DIN Rail TS15-92mm
197-092
TS 15/92
1
Hinge Kit Set
190-002
HK1
1
Mounting Tab Kit
194-001
MT1
1
Please refer to pages 116-120 for additional accessories and detailed information.
TK 1111 – Polystyrene and Polycarbonate – 110x110mm (4.33x4.33in.)
Standard Features
Protection Level:
IP66 (NEMA Type: 4X with gray cover,
12K with transparent cover)
Technical:
Smooth or Knockout Sidewalls
Gray or Tinted Transparent Cover
Multiple Enclosure Mounting Options
Enclosure Material: Polystyrene or Polycarbonate
Gasket Material:
Polyurethane
Color:
Light Gray
Temperature Range: Polystyrene
-40°C to 70°C (-40°F to 158°F)
Polycarbonate
-35°C to 120°C (-31°F to 248°F)
Accessories:
See section below
E208470
1


Similar Part No. - 131-013

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
131-1-G HELLERMANNTYTON-131-1-G Datasheet
2Mb / 70P
   NorthAmericanProductGuide
131-1-GP HELLERMANNTYTON-131-1-GP Datasheet
2Mb / 70P
   NorthAmericanProductGuide
logo
Intersil Corporation
131-4353-00 INTERSIL-131-4353-00 Datasheet
672Kb / 6P
   Wide VIN Negative VOUT Buck-Boost Regulator With Up to 5A Output Current
131-4353-00 INTERSIL-131-4353-00 Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
131-4353-00 INTERSIL-131-4353-00 Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
More results

Similar Description - 131-013

ManufacturerPart #DatasheetDescription
logo
Altech corporation
120-407 ALTECH-120-407 Datasheet
906Kb / 26P
   TK 77 ??Polystyrene and Polycarbonate ??65x65mm (2.56x2.56in.)
130-001 ALTECH-130-001 Datasheet
906Kb / 26P
   Polystyrene and Polycarbonate ??65x65mm (2.56x2.56in.)
130-010 ALTECH-130-010 Datasheet
906Kb / 26P
   Polystyrene and Polycarbonate ??65x65mm (2.56x2.56in.)
TK1309 ALTECH-TK1309 Datasheet
92Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 1309
TK1811 ALTECH-TK1811 Datasheet
105Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 1811
TK1111 ALTECH-TK1111 Datasheet
86Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 1111
TK3625 ALTECH-TK3625 Datasheet
121Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 3625
TK97 ALTECH-TK97 Datasheet
90Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 97
TK1818F ALTECH-TK1818F Datasheet
96Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 1818F
TK1809 ALTECH-TK1809 Datasheet
93Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 1809
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com