Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2110-1PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRS2110-1PBF
Description  HIGH AND LOW SIDE DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2110-1PBF Datasheet(HTML) 3 Page - International Rectifier

  IRS2110-1PBF Datasheet HTML 1Page - International Rectifier IRS2110-1PBF Datasheet HTML 2Page - International Rectifier IRS2110-1PBF Datasheet HTML 3Page - International Rectifier IRS2110-1PBF Datasheet HTML 4Page - International Rectifier IRS2110-1PBF Datasheet HTML 5Page - International Rectifier IRS2110-1PBF Datasheet HTML 6Page - International Rectifier IRS2110-1PBF Datasheet HTML 7Page - International Rectifier IRS2110-1PBF Datasheet HTML 8Page - International Rectifier IRS2110-1PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.irf.com
3
IRS2110(-1,-2,S)PbF/IRS2113(-1,-2,S)PbF
Symbol
Definition
Min. Typ. Max. Units Test Conditions
ton
Turn-on propagation delay
130
160
VS = 0 V
toff
Turn-off propagation delay
120
150
tsd
Shutdown propagation delay
130
160
tr
Turn-on rise time
25
35
tf
Turn-off fall time
17
25
MT
Delay matching, HS & LS
(IRS2110)
10
turn-on/off
(IRS2113)
20
ns
Dynamic Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15 V, CL = 1000 pF, TA = 25 °C and VSS = COM unless otherwise specified. The dynamic
electrical characteristics are measured using the test circuit shown in Fig. 3.
Symbol
Definition
Min. Typ. Max. Units Test Conditions
VIH
Logic “1” input voltage
9.5
VIL
Logic “0” input voltage
6.0
VOH
High level output voltage, VBIAS - VO
1.4
IO = 0 A
VOL
Low level output voltage, VO
0.15
IO = 20 mA
ILK
Offset supply leakage current
50
VB=VS = 500 V/600 V
IQBS
Quiescent VBS supply current
125
230
IQCC
Quiescent VCC supply current
180
340
IQDD
Quiescent VDD supply current
15
30
IIN+
Logic “1” input bias current
20
40
VIN = VDD
IIN-
Logic “0” input bias current
5.0
VIN = 0 V
VBSUV+
VBS supply undervoltage positive going
7.5
8.6
9.7
threshold
VBSUV-
VBS supply undervoltage negative going
7.0
8.2
9.4
threshold
VCCUV+
VCC supply undervoltage positive going
7.4
8.5
9.6
threshold
VCCUV-
VCC supply undervoltage negative going
7.0
8.2
9.4
threshold
IO+
Output high short circuit pulsed current
2.0
2.5
VO = 0 V, VIN = VDD
PW
≤ 10 µs
IO-
Output low short circuit pulsed current
2.0
2.5
VO = 15 V, VIN = 0V
PW
≤ 10 µs
Static Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15 V, TA = 25 °C and VSS = COM unless otherwise specified. The VIN, VTH, and IIN parameters
are referenced to VSS and are applicable to all three logic input leads: HIN, LIN, and SD. The VO and IO parameters are
referenced to COM and are applicable to the respective output leads: HO or LO.
V
µA
V
A
VS = 500 V/600 V
VIN = 0 V or VDD


Similar Part No. - IRS2110-1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2110-1PBF IRF-IRS2110-1PBF Datasheet
493Kb / 19P
   HIGH AND LOW SIDE DRIVER
More results

Similar Description - IRS2110-1PBF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com