Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRMCF171 Datasheet(PDF) 7 Page - International Rectifier

Part # IRMCF171
Description  High Performance Sensorless Motor Control IC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF171 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRMCF171 Datasheet HTML 3Page - International Rectifier IRMCF171 Datasheet HTML 4Page - International Rectifier IRMCF171 Datasheet HTML 5Page - International Rectifier IRMCF171 Datasheet HTML 6Page - International Rectifier IRMCF171 Datasheet HTML 7Page - International Rectifier IRMCF171 Datasheet HTML 8Page - International Rectifier IRMCF171 Datasheet HTML 9Page - International Rectifier IRMCF171 Datasheet HTML 10Page - International Rectifier IRMCF171 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
IRMCF171
7
www.irf.com
© 2013 International Rectifier
April 20, 2013
3 IRMCF171 Block Diagram and Main Functions
IRMCF171 block diagram for leg shunt mode is shown in Figure 3.
Motion Control
Sequencer
Dual Port
RAM
2 KB
MCE
Program
RAM
12 KB
Program
FLASH
64 KB
A/D
MUX
S/H
D/A
(PWM)
Timer
Counnter 0,1,2
Watchdog
Timer
Motion
Control
Modules
UART
I2C
SND
RCV
6
Low Loss
SVPWM
AIN0
GATEKILL
To IGBT
gate drive
Flexible Motion
Control Engine
(MCE)
Monitoring
Host
Interface
Digital
I/Os
8bit (8051)
microcontroller
AIN1
AIN2
JTAG
Emulator
Debugger
4
Freq
Synthesizer
2
Ceramic
Resonator
(4MHz)
20MHz
AIN3
analog
input
2
Capture
Interrupt
Control
Single Shunt
Motor Current
Reconstruction
From
shunt
resistor
Speed
command
PORT 1
SCL
SDA
PORT 2
PORT 3
AIN4
8bit
CPU
Core
Local
RAM
2 KB
120MHz
IFB
3
AIN5
3
Figure 3. IRMCF171 Block Diagram
IRMCF171 contains the following functions for sensorless AC motor control applications:
Motion Control Engine (MCETM)
Sensorless FOC (complete sensorless field
oriented control)
Proportional plus Integral block
Low pass filter
Differentiator and lag (high pass filter)
Ramp
Limit
Angle estimate (sensorless control)
Inverse Clark transformation
Vector rotator
Bit latch
Peak detect
Transition
Multiply-divide (signed and unsigned)
Adder
Divide (signed and unsigned)
8051 microcontroller
Two 16 bit timer/counters
One 16 bit periodic timer
One 16 bit watchdog timer
One 16 bit capture timer
Up to 14 discrete digital I/Os
Seven-channel 12 bit A/D
o
Buffered (current sensing) two
channels (0 – 1.2V input)
o
Unbuffered five channels (0 – 1.2V
input)
JTAG port (4 pins)
Up to two channels of analog output (8 bit
PWM)
UART
I
2C/SPI port
2K byte data RAM


Similar Part No. - IRMCF171

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCF171 IRF-IRMCF171 Datasheet
447Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCF171 IRF-IRMCF171_15 Datasheet
447Kb / 36P
   High Performance Sensorless Motor Control IC
More results

Similar Description - IRMCF171

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK099M IRF-IRMCK099M_15 Datasheet
737Kb / 29P
   High Performance Sensorless Motor Control IC
IRMCF171 IRF-IRMCF171_15 Datasheet
447Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCK172M IRF-IRMCK172M_15 Datasheet
623Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188 Datasheet
916Kb / 38P
   High Performance Sensorless Motor Control IC
IRMCF183 IRF-IRMCF183_15 Datasheet
812Kb / 31P
   High Performance Sensorless Motor Control IC
IRMCK182M IRF-IRMCK182M_15 Datasheet
517Kb / 33P
   High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188_15 Datasheet
595Kb / 38P
   High Performance Sensorless Motor Control IC
IRMCK171 IRF-IRMCK171_15 Datasheet
561Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCK171 IRF-IRMCK171 Datasheet
462Kb / 34P
   High Performance Sensorless Motor Control IC
IRMCF588Q IRF-IRMCF588Q_15 Datasheet
610Kb / 37P
   Dual Motor High Performance Sensorless Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com