Electronic Components Datasheet Search |
|
IE2405S Datasheet(PDF) 1 Page - XP Power Limited |
|
IE2405S Datasheet(HTML) 1 Page - XP Power Limited |
|
1 / 1 page 04-Feb-13 Specification 1 Watt • Single Output • SIP or DIP Package • 1000 VDC Isolation • Optional 3000 VDC Isolation • Small Package Sizes • 40 °C to +85 °C Operation • 3 Year Warranty IE Series Input Input Voltage Range • Nominal ±10% Input Reflected • 20 mA pk-pk through 12 µH inductor 5Hz Ripple Current to 20 MHz Input Reverse Voltage • None Protection Output Output Voltage • See table Minimum Load • None(5) Line Regulation • 1.2%/1% ∆ Vin Load Regulation • 10% for a 20-100% load change(5) (3.3 V models ±20%) Setpoint Accuracy • ±3% Ripple & Noise • 100 mV pk-pk max, 20 MHz bandwidth Temperature Coefficient • 0.02%/°C Maximum Capacitive • 220 µF Load General Efficiency • See table Isolation Voltage • 1000 VDC minimum (3000 VDC -H option) Isolation Resistance • 109 Ω Isolation Capacitance • 60 pF typical Switching Frequency • 40-150 KHz variable MTBF • >1.1 MHrs to MIL-HDBK-217F at 25 °C, GB Environmental Operating Temperature • -40 °C to +85 °C Storage Temperature • -40 °C to +125 °C Case Temperature • 100 °C max Cooling • Convection-cooled xppower.com 0.08 (2.03) 0.01 (0.25) -Vin -Vout +Vout +Vin 0.06 (1.60) Bottom View Bottom View 0.46 (11.68) 0.02 (0.5) 0.12 (3.00) -Vin -Vout +Vout +Vin 0.12 (3.05) SIP Package DIP Package 0.50 (12.70) 0.40 (10.14) 0.24(4) (6.00) 0.27 (6.86) 0.38 (9.65) 0.02 (0.5) 0.02 (0.5) 0.2 (5.1) 0.30 (7.62) 0.01 (0.25) 0.30 (7.62) 0.30 (7.62) Input Voltage(3) No Load Input Current Output Voltage Output Current Efficiency Model Number(1,2) 3.3 VDC 25 mA 3.3 V 300 mA 71% IE0303S 25 mA 5.0 V 200 mA 75% IE0305S 30 mA 9.0 V 111 mA 74% IE0309S 45 mA 12.0 V 84 mA 74% IE0312S 40 mA 15.0 V 66 mA 77% IE0315S 40 mA 24.0 V 42 mA 77% IE0324S 5 VDC 25 mA 3.3 V 300 mA 72% IE0503S 25 mA 5.0 V 200 mA 75% IE0505S 25 mA 9.0 V 111 mA 77% IE0509S 25 mA 12.0 V 84 mA 78% IE0512S 25 mA 15.0 V 66 mA 78% IE0515S 25 mA 24.0 V 42 mA 80% IE0524S 12 VDC 16 mA 3.3 V 300 mA 72% IE1203S 16 mA 5.0 V 200 mA 75% IE1205S 16 mA 9.0 V 111 mA 77% IE1209S 16 mA 12.0 V 84 mA 80% IE1212S 16 mA 15.0 V 66 mA 78% IE1215S 16 mA 24.0 V 42 mA 78% IE1224S 24 VDC 10 mA 3.3 V 300 mA 72% IE2403S 10 mA 5.0 V 200 mA 75% IE2405S 10 mA 9.0 V 111 mA 77% IE2409S 10 mA 12.0 V 84 mA 80% IE2412S 10 mA 15.0 V 66 mA 78% IE2415S 10 mA 24.0 V 42 mA 80% IE2424S Mechanical Details 1. For DIP package, replace ‘S’ in model number with ‘D’. 2. Add suffix ‘-H’ to model number for 3000 VDC isolation. 3. For 48 VDC in, specify model number as IE48XXS (not available in DIP package). 4. 48 VDC input models dimension is 0.29 (7.5). 5. Operation at no load will not damage unit but it may not meet all specifications. 6. All dimensions in inches (mm). 7. Pin pitch tolerance: ±0.014 (±0.35) 8. Case tolerance: ±0.02 (±0.5) 9. Weight: SIP 0.003 lbs (1.4 g), DIP 0.004 lbs (1.8 g) Notes |
Similar Part No. - IE2405S |
|
Similar Description - IE2405S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |