Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMH350PD23-U Datasheet(PDF) 5 Page - XP Power Limited

Part # EMH350PD23-U
Description  250/350 Watts EMH Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

EMH350PD23-U Datasheet(HTML) 5 Page - XP Power Limited

  EMH350PD23-U Datasheet HTML 1Page - XP Power Limited EMH350PD23-U Datasheet HTML 2Page - XP Power Limited EMH350PD23-U Datasheet HTML 3Page - XP Power Limited EMH350PD23-U Datasheet HTML 4Page - XP Power Limited EMH350PD23-U Datasheet HTML 5Page - XP Power Limited EMH350PD23-U Datasheet HTML 6Page - XP Power Limited EMH350PD23-U Datasheet HTML 7Page - XP Power Limited EMH350PD23-U Datasheet HTML 8Page - XP Power Limited EMH350PD23-U Datasheet HTML 9Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
-
+
-
+
-
+
-
+
V1 Output
V1 Output
V1 Output
- S
ens
e
+ Se
nse
Current
Share
Current
Share
EMH350PSXX (1)
EMH350PSXX (2)
EMH350PSXX (3)
Load
EMH350
Signals & Controls
Single Outputs
AC OK/Power Fail
Signals Description & Compatibility
Inhibit
Parallel Load & Current Share
AC OK Collector
Pin 11
AC OK Emitter
Pin 8 (-sense)
POWER SUPPLY
Transistor On (<0.8 V):
AC OK
Transistor Off (>4.5 V):
AC NOT OK
J2 Logic Connector
1 K
5 V Standby
Pin 3 or 4
Max 30 V 10 mA
Inhibit Hi
Pin 10
POWER SUPPLY
Signals Connector
Inhibit Lo
Pin 8 (-sense)
Signal & Cover Options
Model
Functions
Cover Compatibility
Remote
Sense Fan Supply 5 V Standby
AC OK/Power
Fail
Inhibit V1 &
V Fan
Current Share Variable Speed
Fan Control
PMBus
Standard Top
Fan (-TF)
Variable Speed
Top Fan (-VF)
EMH250PSXX
EMH350PSXX
EMH350PSXX-01
EMH350PSXX-02
EMH350PSXX-50
EMH350PSXXD
EMH350PSXXD-01
EMH350PSXXD-50
Characteristic
Notes & Conditions
Signals & Control
Remote Sense
Compensates for 0.5 V total voltage drop
12 V Fan Supply (V3)
12 V/0.6 A supply, present when AC supplied, inhibit turns fan supply off.
5V Standby
5 V/2 A supply, always present when AC supplied
AC OK/Power Fail
AC OK is an open collector transistor, referenced to negative sense, providing a minimum of 3 ms warning of loss of output
regulation. The transistor is normally off when AC is healthy. See fig. 1.
Inhibit
The inhibit high pin should be pulled below 0.4 V to switch V1 & V Fan (V3) off. Open circuit or 2-8 V maximum to switch
the output on. See fig. 2.
Current Share
Connecting pin 9 (-01 & -02 models) of like voltage units (3 maximum) will force the current to share between the outputs.
Units share current within 10% of each other at full load. See fig. 3.
Variable Speed Fan Control
When used in conjuction with -VF fan cover, varies the speed of the fan depending on temperature of the unit.
See longform datasheet for details.
I2C/PMBus
The I2C PMBus compatible interface can be used for monitoring the unit output voltage, current, internal temperature,
external 3 wire TACHO fan and run time. Adjustment of the output voltage and current limit set point and identification of
the unit model number and serial number are also possible. See longform datasheet for full details.
Figure 1.
Figure 2.
Figure 3.


Similar Part No. - EMH350PD23-U

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
EMH350PD23-U XPPOWER-EMH350PD23-U Datasheet
6Mb / 22P
   250 W & 350 W Forced-cooled
More results

Similar Description - EMH350PD23-U

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MAX-250 SLPOWER-MAX-250 Datasheet
96Kb / 2P
   250, 350 WATTS MULTIPLE OUTPUT
MSC-350 SLPOWER-MSC-350 Datasheet
96Kb / 2P
   250, 350 WATTS MULTIPLE OUTPUT
logo
Astec America, Inc
LPS350 ASTEC-LPS350 Datasheet
508Kb / 2P
   350 Watts
NTS350 ASTEC-NTS350 Datasheet
345Kb / 2P
   350 Watts
logo
Artesyn Technologies
NTS358-CF ARTESYN-NTS358-CF Datasheet
891Kb / 5P
   350 Watts
logo
Astec America, Inc
LPQ350 ASTEC-LPQ350 Datasheet
144Kb / 2P
   350 Watts
logo
Artesyn Technologies
LPS353-CEF ARTESYN-LPS353-CEF Datasheet
250Kb / 3P
   350 Watts
logo
Astec America, Inc
LPS355-CEF ASTEC-LPS355-CEF Datasheet
512Kb / 2P
   350 Watts LPS350 Series
logo
XP Power Limited
GCS XPPOWER-GCS Datasheet
2Mb / 14P
   AC-DC Power Supplies 150/180/250/350 Watts
logo
Astec America, Inc
HPS35 ASTEC-HPS35 Datasheet
1Mb / 5P
   350-1400 Watts
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com