Electronic Components Datasheet Search |
|
104-406 Datasheet(PDF) 1 Page - Altech corporation |
|
104-406 Datasheet(HTML) 1 Page - Altech corporation |
1 / 26 page Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com 14 TK 77 – Polystyrene and Polycarbonate – 65x65mm (2.56x2.56in.) Smooth Sidewalls Polystyrene Polycarbonate 1 Ordering Height Cover Std. Cover Std. Information mm (in) Cat. No. Type Color Pk. Cat. No. Type Color Pk. Enclosure - low cover 57 mm (2.24 in) 110-401 PS 77-6-o gray 5 120-401 PC 77-6-o gray 5 Enclosure - high cover 81 mm (3.19 in) 110-901 PS 77-8-o gray 5 120-901 PC 77-8-o gray 5 Enclosure - low cover 57 mm (2.24 in) 111-001 PS 77-6-to trans. 5 130-001 PC 77-6-to trans. 5 Enclosure - high cover 81 mm (3.19 in) 111-501 PS 77-8-to trans. 5 130-501 PC 77-8-to trans. 5 Sidewalls with Metric Knockouts Polystyrene Polycarbonate 1 Ordering Height Cover Std. Cover Std. Information mm (in) Cat. No. Type Color Pk. Cat. No. Type. Color Pk. Enclosure - low cover 57 mm (2.24 in) 105-401 PS 77-6-m gray 5 127-401 PC 77-6-m gray 5 Enclosure - high cover 81 mm (3.19 in) 105-901 PS 77-8-m gray 5 127-901 PC 77-8-m gray 5 Enclosure - low cover 57 mm (2.24 in) 106-001 PS 77-6-tm trans. 5 137-001 PC 77-6-tm trans. 5 Enclosure - high cover 81 mm (3.19 in) 106-501 PS 77-8-tm trans. 5 137-501 PC 77-8-tm trans. 5 Accessories Ordering Std. Information Cat. No. Type Pk. Mounting Plate 195-001 MP77 1 DIN Rail TS15-49.5mm 197-049 TS 15/49.5 1 Hinge Kit Set 190-002 HK1 1 Mounting Tab Kit 194-001 MT1 1 Please refer to pages 116-120 for additional accessories and detailed information. Standard Features • Protection Level: IP66 (NEMA Type: 4X with gray cover, 12K with transparent cover) • Technical: Smooth or Knockout Sidewalls Gray or Tinted Transparent Cover Multiple Enclosure Mounting Options • Enclosure Material: Polystyrene or Polycarbonate • Gasket Material: Polyurethane • Color: Light Gray • Temperature Range: Polystyrene -40°C to 70°C (-40°F to 158°F) Polycarbonate -35°C to 120°C (-31°F to 248°F) • Accessories: See section below E208470 1 |
Similar Part No. - 104-406 |
|
Similar Description - 104-406 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |