Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECE05US15 Datasheet(PDF) 1 Page - XP Power Limited

Part # ECE05US15
Description  5/10 Watts ECE Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECE05US15 Datasheet(HTML) 1 Page - XP Power Limited

  ECE05US15 Datasheet HTML 1Page - XP Power Limited ECE05US15 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
5/10 Watts
Ultra Compact Size
Single Outputs from 3.3 to 48 V
Encapsulated PCB Mount
<0.3 W No Load Input Power
Peak Load Capability
No External Components Required
3 Year Warranty
ECE Series
Input
Input Voltage
• 85-264 VAC (120-370 VDC) derate load
from 100% at 90 VAC to 90% at 85 VAC
Input Frequency
• 47-63 Hz
Input Current
• ECE05: 0.1 A rms at 230 VAC
ECE10: 0.2 A rms at 230 VAC
Inrush Current
• 20 A at 115 VAC, 40 A at 230 VAC,
cold start at 25 °C
Power Factor
• EN61000-3-2 Class A
Earth Leakage Current
• Class II construction no earth
No Load Input Power
• <0.3 W
Input Protection
• Internal T1 A/250 VAC fuse
Output
Output Voltage
• See tables
Initial Set Accuracy
• ±1%
Minimum Load
• No minimum load required
Start Up Delay
• 2 s max
Start Up Rise Time
• 25 ms max
Hold Up Time
• 8 ms/40 ms typical at full load and
115/230 VAC
Line Regulation
• ±0.5% max
Load Regulation
• ±1% max
Transient Response
• 4% max deviation, recovery to within
1% in 500 µs for a 25% load change
Ripple & Noise
• 3.3-5 V versions: 60 mV pk-pk, all other
models 1% pk-pk max 20 MHz bandwidth
Overvoltage Protection
• 125-190%, 195-216% ECE10US03
Overload Protection
• 125-190%
Short Circuit Protection
• Trip and restart (hiccup mode)
Temperature
• 0.05%/°C
Coefficient
xppower.com
General
Efficiency
• See tables
Isolation
• 4000 VAC Input to Output
Switching Frequency
• 130 kHz typical
Power Density
• ECE05: 8.3 W/In3
ECE10: 11.1 W/In3
MTBF
• >450 kHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• -25 °C to +70 °C, derate linearly from
100% at +50 °C to 50% at +70 °C
Cooling
• Convection-cooled
Operating Humidity
• 95% RH, non-condensing
Storage Temperature
• -40 °C to +85 °C
Operating Altitude
• 3048 m, 10,000 ft
Vibration
• 2 g, 10 Hz to 500 Hz, 10 mins/cycle,
60 mins each cycle
EMC & Safety
Emissions
• EN55022, level B conducted & radiated*
Harmonic Currents
• EN61000-3-2, EN61000-3-3
ESD Immunity
• EN61000-4-2, level 3 Perf Criteria A
Radiated Immunity
• EN61000-4-3, 10 V/m 80% mod
Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, installation Class 3,
Perf Criteria A
Conducted Immunity
• EN61000-4-6, 10 Vrms Perf Criteria A
Magnetic Fields
• EN61000-4-8, 10 A/m Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% for 10 ms,
60% for 100 ms, 100% for 5000 ms
Perf Criteria A, B, B
Safety Approvals
• EN60950-1, UL60950-1,
CSA22.2 No. 234 per cUL
Notes
* If output is connected to GND, please contact applications engineering for further information.


Similar Part No. - ECE05US15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECE05US15 XPPOWER-ECE05US15 Datasheet
158Kb / 2P
   5/10 Watts
More results

Similar Description - ECE05US15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECE05-10-SERIES XPPOWER-ECE05-10-SERIES Datasheet
158Kb / 2P
   5/10 Watts
logo
Dialight Corporation
13053CE DIALIGHT-13053CE Datasheet
91Kb / 1P
   ECE Position Lamps
logo
Artesyn Technologies
DCH5-050EU ARTESYN-DCH5-050EU Datasheet
1Mb / 4P
   DCH5 Series 5 Watts
logo
XP Power Limited
JCH10 XPPOWER-JCH10 Datasheet
337Kb / 2P
   10 Watts JCH Series
JCA10 XPPOWER-JCA10 Datasheet
264Kb / 2P
   10 Watts JCA Series
JCA1005D01 XPPOWER-JCA1005D01 Datasheet
107Kb / 2P
   10 Watts JCA Series
logo
Anaren Microwave
100200-4Y100-2 ANAREN-100200-4Y100-2 Datasheet
163Kb / 2P
   5 Watts
logo
Astec America, Inc
AA05E ASTEC-AA05E Datasheet
101Kb / 2P
   5 Watts
AER03 ASTEC-AER03 Datasheet
561Kb / 2P
   10 Watts
logo
List of Unclassifed Man...
SA10-48-3.3S ETC1-SA10-48-3.3S Datasheet
120Kb / 2P
   10 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com