Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECP60UD01 Datasheet(PDF) 2 Page - XP Power Limited

Part # ECP60UD01
Description  60 Watts ECP Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECP60UD01 Datasheet(HTML) 2 Page - XP Power Limited

  ECP60UD01 Datasheet HTML 1Page - XP Power Limited ECP60UD01 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
06-Nov-13
ECP60
Mechanical Details
Derating Curve
Models and Ratings
Output
Power
Output 1
Output 2
Output 3
Model Number
Voltage
Current
Peak(1)
Voltage
Current
Peak(1)
Voltage
Current
55 W
+5.0 VDC
11.0 A
14.3 A
ECP60US05
60 W
+5.0 VDC
7.0 A
9.1 A
+12.0 VDC
3.0 A
3.90 A
ECP60UD01
60 W
+5.0 VDC
7.0 A
9.1 A
+15.0 VDC
2.0 A
2.60 A
ECP60UD02
60 W
+5.0 VDC
7.0 A
9.1 A
+24.0 VDC
1.5 A
1.95 A
ECP60UD03
60 W
+5.0 VDC
7.0 A
9.1 A
+12.0 VDC
3.0 A
3.90 A
-12.0 V
0.30 A
ECP60UT01
60 W
+5.0 VDC
7.0 A
9.1 A
+15.0 VDC
2.0 A
2.60 A
-15.0 V
0.30 A
ECP60UT02
60 W
+5.0 VDC
7.0 A
9.1 A
+24.0 VDC
1.5 A
1.95 A
+12.0 V
0.30 A
ECP60UT03
60 W
+5.0 VDC
7.0 A
9.1 A
+24.0 VDC
1.5 A
1.95 A
-12.0 V
0.30 A
ECP60UT04
1. All dimensions are in inches (mm).
2. Weight: 0.34 lbs (155 g) approx.
3. Tolerance: ±0.02 (±0.5) unless stated
1. Peak load lasting <30 s with a maximum duty cycle of 10%, average output power not to exceed nominal.
Notes
Notes
CN1 - Input Connector
Pin 1
Neutral
Pin 2
Not Fitted
Pin 3
Line
CN2 Output Connector
UD/UT
US05
Pin 1
V3
RTN
Pin 2
RTN
RTN
Pin 3
RTN
RTN
Pin 4
V1
+5 V
Pin 5
V1
+5 V
Pin 6
V2
+5 V
Mounting holes marked with
must be connected to safety earth
Mates with JST housing
VHR-6N and JST Series
SVH-21T-P1.1 crimp terminals
CN3 Sense Connector
Pin 1
-Sense
Pin 2
+Sense
Fitted to ECP60US05 only. Mates
with Molex Housing 22-01-1022
and 2759 crimp terminals
Mates with JST housing
VHR-3N and JST Series
SVH-21T-P1.1 crimp terminals
1
6
1
CN3
CN2
1
3
1
6
4.00 (101.6)
1.04
(26.3)
1.20
(30.4)
2.00
(50.8)
1.75
(44.4)
1.75
(44.4)
0.1 (2.5)
0.06 (1.6)
CN2
CN1
Voltage Adj.
3.75 (95.2)
0.13 ±0.01 (3.4 ±0.3)
UD/UT
US05
Mounting holes need to be isolated from ground
-10
-20
0
10
20
30
40
50
60
70
20
40
60
80
100
Ambient Temperature (ºC)
0
80


Similar Part No. - ECP60UD01

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
ECP HAMMOND-ECP Datasheet
168Kb / 3P
   Systeme de commande Eclipse - NEMA 12
logo
XP Power Limited
ECP XPPOWER-ECP Datasheet
362Kb / 2P
   Single Outputs from 3.3 to 48 V
logo
Transko Electronics, In...
ECP TRANSKO-ECP Datasheet
410Kb / 1P
   PECL OUTPUT THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)
Rev. 2: Apr. 2015
logo
List of Unclassifed Man...
ECP-100 ETC-ECP-100 Datasheet
350Kb / 1P
   Single-Ear Hose Clamp Pliers, Straight Jaw
ECP-5414 ETC-ECP-5414 Datasheet
194Kb / 1P
   AMD Geode??GX1 Communication Platform
More results

Similar Description - ECP60UD01

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECP40US05 XPPOWER-ECP40US05 Datasheet
179Kb / 2P
   40 Watts ECP Series
SDS60 XPPOWER-SDS60 Datasheet
152Kb / 2P
   60 Watts SDS Series
JCK6024S3V3 XPPOWER-JCK6024S3V3 Datasheet
223Kb / 2P
   60 Watts JCK Series
logo
Astec America, Inc
DAS60-480 ASTEC-DAS60-480 Datasheet
137Kb / 2P
   60 Watts
ALQ15AF48N-6 ASTEC-ALQ15AF48N-6 Datasheet
408Kb / 2P
   60 Watts
LPS50-M ASTEC-LPS50-M Datasheet
595Kb / 2P
   60 Watts
logo
Anaren Microwave
60-50TP ANAREN-60-50TP Datasheet
284Kb / 2P
   60 Watts
logo
Astec America, Inc
DPS50-M ASTEC-DPS50-M Datasheet
465Kb / 2P
   60 Watts
APA18 ASTEC-APA18 Datasheet
202Kb / 2P
   60 Watts
logo
Emerson Network Power
NPS62-M EMERSON-NETWORKPOWER-NPS62-M Datasheet
388Kb / 3P
   60 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com