Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27440401 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 27440401
Description  PCB terminal block - MKDS 1/ 4-3,81 SMD BK - 1727256
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

27440401 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  27440401 Datasheet HTML 1Page - PHOENIX CONTACT 27440401 Datasheet HTML 2Page - PHOENIX CONTACT 27440401 Datasheet HTML 3Page - PHOENIX CONTACT 27440401 Datasheet HTML 4Page - PHOENIX CONTACT 27440401 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/us/products/1727256
2/18/14   Page 4 / 5
PCB terminal block - MKDS 1/ 4-3,81 SMD BK - 1727256
Approvals
CSA 
 
B
D
mm²/AWG/kcmil
28-16
28-16
Nominal current IN
10 A
10 A
Nominal voltage UN
150 V
300 V
UL Recognized 
 
B
D
mm²/AWG/kcmil
30-16
30-16
Nominal current IN
10 A
10 A
Nominal voltage UN
300 V
300 V
cUL Recognized 
 
B
D
mm²/AWG/kcmil
30-16
30-16
Nominal current IN
10 A
10 A
Nominal voltage UN
300 V
300 V
GOST 
GOST 
cULus Recognized 
Accessories
Accessories


Similar Part No. - 27440401

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
27440401 PHOENIX-27440401 Datasheet
106Kb / 5P
   PCB terminal block - SPT-SMD 1,5/ 7-H-5,08 R88
27440401 PHOENIX-27440401 Datasheet
64Kb / 3P
   Printed-circuit board connector - BCVP-500W-21 GY
27440401 PHOENIX-27440401 Datasheet
51Kb / 4P
   PCB terminal block - MKDSP 10N/ 3-10,16SZSBDL1,L2,N
27440401 PHOENIX-27440401 Datasheet
84Kb / 5P
   PCB connection terminal block - PTSM 0,5/ 7-2,5-V THR WHR44
27440401 PHOENIX-27440401 Datasheet
55Kb / 4P
   PCB terminal block - MKDS 5/ 2-6,35 BD:S1,S2
More results

Similar Description - 27440401

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1727230 PHOENIX-1727230 Datasheet
78Kb / 5P
   PCB terminal block - MKDS 1/ 2-3,81 SMD BK
1727175 PHOENIX-1727175 Datasheet
116Kb / 6P
   PCB terminal block - MKDS 1/ 8-3,81 SMD BK
1727269 PHOENIX-1727269 Datasheet
349Kb / 9P
   MKDS 1/ 5-3,81 SMD BK - PCB terminal block
1727298 PHOENIX-1727298 Datasheet
73Kb / 5P
   PCB terminal block - MKDS 1/ 9-3,81 SMD BK
1727311 PHOENIX-1727311 Datasheet
73Kb / 5P
   PCB terminal block - MKDS 1/11-3,81 SMD BK
1727324 PHOENIX-1727324 Datasheet
116Kb / 6P
   PCB terminal block - MKDS 1/12-3,81 SMD BK
1727243 PHOENIX-1727243 Datasheet
79Kb / 5P
   PCB terminal block - MKDS 1/ 3-3,81 SMD BK
1727272 PHOENIX-1727272 Datasheet
116Kb / 6P
   PCB terminal block - MKDS 1/ 6-3,81 SMD BK
1932410 PHOENIX-1932410 Datasheet
129Kb / 5P
   PCB terminal block - MKDS 1/ 4-3,81 HT BK
1800025 PHOENIX-1800025 Datasheet
98Kb / 3P
   PCB terminal block - MKDS 1/ 8-3,81 BK
11/04/2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com