Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1812L16012 Datasheet(PDF) 4 Page - Littelfuse

Part # 1812L16012
Description  POLY-FUSE Resettable PTCs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1812L16012 Datasheet(HTML) 4 Page - Littelfuse

  1812L16012 Datasheet HTML 1Page - Littelfuse 1812L16012 Datasheet HTML 2Page - Littelfuse 1812L16012 Datasheet HTML 3Page - Littelfuse 1812L16012 Datasheet HTML 4Page - Littelfuse 1812L16012 Datasheet HTML 5Page - Littelfuse 1812L16012 Datasheet HTML 6Page - Littelfuse 1812L16012 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
POLY-FUSE® Resettable PTCs
© 2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/05/13
Surface Mount > 1812L Series
Average Time Current Curves
The average time current curves and Temperature Rerating curve performance is affected
by a number or variables, and these curves provided as guidance only. Customer must
verify the performance in their application.
1812L
0.01
0.1
1
10
100
0.1
1
10
100
Current in Amperes
1812L
0.01
0.1
10
100
0.1
1
10
100
Current in Amperes
1812L
0.01
0.1
1
10
100
0.1
1
10
100
Current in Amperes
1812L
0.01
0.1
10
100
0.1
1
10
100
Current in Amperes


Similar Part No. - 1812L16012

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L16012 LITTELFUSE-1812L16012 Datasheet
411Kb / 6P
   POLYFUSE짰 Resettable PTCs Surface Mount
1812L16012 LITTELFUSE-1812L16012 Datasheet
820Kb / 6P
   The 1812L Series PTC provides surface mount overcurrent protection for applications
1812L16012 LITTELFUSE-1812L16012 Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 1812L Series
1812L16012 LITTELFUSE-1812L16012 Datasheet
409Kb / 6P
   POLYFUSE Resettable PTCs
More results

Similar Description - 1812L16012

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2016L LITTELFUSE-2016L Datasheet
768Kb / 5P
   POLY-FUSE Resettable PTCs
250R120U LITTELFUSE-250R120U Datasheet
619Kb / 7P
   POLY-FUSE Resettable PTCs
1206L025YR LITTELFUSE-1206L025YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L160 LITTELFUSE-1812L160 Datasheet
1Mb / 6P
   POLY-FUSE짰 Resettable PTCs
250R120-R1ZR LITTELFUSE-250R120-R1ZR Datasheet
619Kb / 7P
   POLY-FUSE짰 Resettable PTCs
1206L05015YR LITTELFUSE-1206L05015YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
0603L004YR LITTELFUSE-0603L004YR_16 Datasheet
883Kb / 5P
   POLY-FUSE짰 Resettable PTCs
2920L100PR LITTELFUSE-2920L100PR Datasheet
816Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L014DR LITTELFUSE-1812L014DR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L020PR LITTELFUSE-1812L020PR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com